Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 51 of 64
HIGH-PASS FILTER AND DC OFFSET CONTROL REGISTER AND MASTER MUTE
Address: 0x0E, Reset: 0x02, Name: MISC_CONTROL
Table 40. Bit Descriptions for MISC_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
SUM_MODE
Channel Summing Mode Control for Higher SNR.
0x0
RW
00
Normal 4-Channel Operation
01
2-Channel Summing Operation (See the ADC Summing Modes Section)
10
1-Channel Summing Operation (See the ADC Summing Modes Section)
11
Reserved
5
RESERVED
Reserved.
0x0
RW
4
MMUTE
Master Mute.
0x0
RW
0
Normal Operation
1
All Channels Muted
[3:1]
RESERVED
Reserved.
0x1
RW
0
DC_CAL
DC Calibration Enable.
0x0
RW
0
Normal Operation
1
Perform DC Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com