Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 37 of 64
Bits
Bit Name
Settings
Description
Reset
Access
101
Reserved
110
Reserved
111
Reserved
DC-TO-DC BOOST CONVERTER CONTROL REGISTER
Address: 0x02, Reset: 0x4A, Name: BST_CONTROL
Table 28. Bit Descriptions for BST_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
7
BST_GOOD
Boost Converter Output Status.
0x0
R
0
Boost Converter Output Not Stabilized
1
Boost Converter Output Good
[6:5]
FS_RATE
Sample Rate Control for Boost Switching Frequency.
0x2
RW
00
8 kHz/16 kHz/32 kHz/64 kHz/128 kHz fS
01
11.025 kHz/22.05 kHz/44.1 kHz/88.2 kHz/176.4 kHz fS
10
12 kHz/24 kHz/48 kHz/96 kHz/192 kHz fS
11
Reserved
4
BOOST_SW_FREQ
Boost Regulator Switching Frequency.
0x0
RW
0
1.5 MHz Switching Frequency
1
3 MHz Switching Frequency
3
OV_EN
Overvoltage Fault Protection Enable.
0x1
RW
0
Disable
1
Enable
2
BOOST_OV
Boost Converter Overvoltage Fault Status.
0x0
R
0
Normal Operation
1
Overvoltage Fault
1
OC_EN
Overcurrent Fault Protection Enable.
0x1
RW
0
Disable
1
Enable
0
BOOST_OC
Boost Converter Overcurrent Fault Status.
0x0
R
0
Normal Operation
1
Boost Overcurrent Protection Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com