Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADAU1977WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 5 of 64
DIGITAL INPUT/OUTPUT SPECIFICATIONS
Table 3.
Parameter
Test Conditions/Comments
Min
Max
Unit
INPUT
High Level Input Voltage (VIH)
0.7 × IOVDD
V
Low Level Input Voltage (VIL)
0.3 × IOVDD
V
Input Leakage Current
±10
µA
Input Capacitance
5
pF
OUTPUT
High Level Output Voltage (VOH)
IOH = 1 mA
IOVDD − 0.60
V
Low Level Output Voltage (VOL)
IOL = 1 mA
0.4
V
POWER SUPPLY SPECIFICATIONS
L = 4.7 µH, AVDDx = 3.3 V, DVDD = 1.8 V, IOVDD = 3.3 V, fS = 48 kHz (master mode), unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DVDD
On-chip LDO
1.62
1.8
1.98
V
AVDDx
3.0
3.3
3.6
V
IOVDD
1.62
3.3
3.6
V
VBAT1
14.4
18
V
IOVDD Current
Master clock = 256 fS
Normal Operation
fS = 48 kHz
450
µA
fS = 96 kHz
880
µA
fS = 192 kHz
1.75
mA
Power-Down
fS = 48 kHz to 192 kHz
20
µA
AVDDx Current
Normal Operation
Boost off, 4-channel ADC, DVDD internal
14
mA
Boost on, 4-channel ADC, DVDD internal
14.5
mA
Boost off, 4-channel ADC, DVDD external
9.6
mA
Boost on, 4-channel ADC, DVDD external
10.1
mA
Power-Down
270
µA
Boost Converter Current
Normal Operation
Boost on, 4-channel ADC, MICBIAS = 8.5 V, no load
34
mA
Boost on, 4-channel ADC, MICBIAS = 8.5 V, 42 mA
168
mA
Power-Down
180
µA
DVDD Current
Normal Operation
DVDD external = 1.8 V
4.5
mA
Power-Down
65
µA
VBAT Current
VBAT = 14.4 V
Normal Operation
575
625
µA
Power-Down
575
625
µA
POWER DISSIPATION
Normal Operation
Master clock = 256 fS, 48 kHz
AVDDx
DVDD internal, MICBIAS = 8.5 V at 42 mA load
265
mW
Power-Down, All Supplies
PD/RST pin held low
9
mW
1
When VBAT ≤ MICBIAS, a short to VBAT cannot be distinguished from a short to MICBIAS, and reporting a short to VBAT fault takes precedence over a short to MICBIAS fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com