Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
ADAU1977
Data Sheet
Rev. A | Page 38 of 64
MICBIAS AND BOOST CONTROL REGISTER
Address: 0x03, Reset: 0x7D, Name: MB_BST_CONTROL
Table 29. Bit Descriptions for MB_BST_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
MB_VOLTS
MICBIAS Output Voltage.
0x7
RW
0000
5.0 V
0001
5.5 V
0010
6.0 V
0011
6.5 V
0100
7.0 V
0101
7.5 V
0110
8.0 V
0111
8.5 V
1000
9.0 V
1001
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
3
MB_EN
MICBIAS Enable.
0x1
RW
0
MICBIAS Powered Down
1
MICBIAS Enabled
2
BOOST_EN
Boost Enable.
0x1
RW
0
Boost Off
1
Boost On
1
MRCV
Boost Fault Manual Recovery.
0x0
W
0
Normal Operation
1
Attempt Manual Boost Fault Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com