Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Data Sheet
ADAU1977
Rev. A | Page 21 of 64
ADC
The ADAU1977 contains four Δ-Σ ADC channels configured
as two stereo pairs with configurable differential/single-ended
inputs. The ADC can operate at a nominal sample rate of 32 kHz
up to 192 kHz. The ADCs include on-board digital antialiasing
filters with 79 dB stop-band attenuation and linear phase response.
Digital outputs are supplied through two serial data output pins
(one for each stereo pair) and a common frame clock (LRCLK)
and bit clock (BCLK). Alternatively, one of the TDM modes can
be used to support up to 16 channels on a single TDM data line.
With smaller amplitude input signals, a 10-bit programmable
digital gain compensation for an individual channel is provided
to scale up the output word to full scale. Care must be taken to
avoid overcompensation (large gain compensation), which leads
to clipping and THD degradation in the ADC.
The ADCs also have a dc-offset calibration algorithm to null
the systematic dc offset of the ADC. This feature is useful for dc
measurement applications.
ADC SUMMING MODES
The four ADCs can be grouped into either a single stereo ADC
or a single mono ADC to increase the signal-to-noise ratio (SNR)
for the application. Two options are available: one option for
summing two channels of the ADC and another option for
summing all four channels of the ADC. Summing is performed
in the digital block.
2-Channel Summing Mode
When the SUM_MODE Bits (Bits[7:6] of Register 0x0E) are
set to 01, the Channel 1 and Channel 2 ADC data are combined
and output from the SDATAOUT1 pin. Similarly, the Channel 3
and Channel 4 ADC data are combined and output from the
SDATAOUT2 pin. As a result, the SNR improves by 3 dB. For
this mode, both Channel 1 and Channel 2 must be connected to
the same input signal source. Similarly, Channel 3 and Channel 4
must be connected to the same input signal source.
4-Channel Summing Mode
When the SUM_MODE Bits (Bits[7:6] of Register 0x0E) are set
to 10, the Channel 1 through Channel 4 ADC data are combined
and output from the SDATAOUT1 pin. As a result, the SNR
improves by 6 dB. For this mode, all four channels must be
connected to the same input signal source.
DIAGNOSTICS
The diagnostics block monitors the input pins in real time and
reports a fault as an interrupt signal on the FAULT pin (Pin 8),
which triggers sending an interrupt request to an external
controller. The diagnostics status registers (Register 0x11 through
Register 0x14) for Channel 1 through Channel 4 are also updated.
Refer to the register map table (Table 25) and the register details
tables (Table 42, Table 43, Table 44, and Table 45) for more infor-
mation about the diagnostics register content. The diagnostics
can be enabled or disabled for each channel using Bits[3:0] of
Register 0x10. The diagnostics are provided only when MICBIAS
is enabled and the microphone is connected as recommended
in the appropriate application circuit (see Figure 21).
Diagnostics Reporting
The diagnostics status is reported individually for each channel
in Register 0x11 through Register 0x14. The faults listed in
Table 13 are reported on each input pin.
Table 13. Faults Reported
Fault
AINxP
AINxN
Short to Battery
Yes
Yes
Short to MICBIAS
Yes
No
Short to Ground
Yes
Yes
Short Between Positive and Negative Inputs
Yes
Yes
Open Input
Yes
Yes
Diagnostics Adjustments
Short Circuit to Battery Supply
When an input terminal is shorted to the battery, the voltage at
the terminal approaches the battery voltage. Any voltage higher
than the set threshold is reported as a fault. The threshold can
be set using the SHT_B_TRIP bits, Bits[1:0] of Register 0x17
(see Table 14).
Table 14. Setting the Short to Battery Threshold
SHT_B_TRIP
(Register 0x17, Bits[1:0])
Short to Battery Threshold
00
0.95 × VBAT
01
0.9 × VBAT
10
0.85 × VBAT
11
0.975 × VBAT
Short Circuit to MICBIAS
This feature is supported only on the AINxP terminal. When
an AINxP terminal is shorted to MICBIAS, the voltage at the
AINxP terminal approaches the MICBIAS voltage. Any voltage
higher than the set threshold is reported as a fault. The threshold
can be set using the SHT_M_TRIP bits, Bits[5:4] of Register 0x17
(see Table 15).
Table 15. Setting the Short to MICBIAS Threshold
SHT_M_TRIP
(Register 0x17, Bits[5:4])
Short to MICBIAS Threshold
00
0.95 × MICBIAS
01
0.9 × MICBIAS
10
0.85 × MICBIAS
11
0.975 × MICBIAS
Short Circuit to Ground
When an input terminal is shorted to ground, the terminal
voltage reaches close to 0 V. Any voltage lower than the set
threshold is reported as a fault. The threshold is referenced to
VREF and, therefore, scales with the voltage at the VREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com