Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 7 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 3Page - Intel Corporation 82563EB Datasheet HTML 4Page - Intel Corporation 82563EB Datasheet HTML 5Page - Intel Corporation 82563EB Datasheet HTML 6Page - Intel Corporation 82563EB Datasheet HTML 7Page - Intel Corporation 82563EB Datasheet HTML 8Page - Intel Corporation 82563EB Datasheet HTML 9Page - Intel Corporation 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
1
1.0
Introduction
The Intel® 82563EB Gigabit Platform LAN Connect is a dual, compact Physical Layer
Transceiver (PHY) component designed for 10/100/1000 Mb/s operation. This device uses the
Kumeran interface port of the 631xESB/632xESB I/O Controller Hub enabling the routing of long
distances up to 28 inches (~711 mm). The 82564EB Gigabit Platform LAN Connect is the single
port implementation. The Intel® 82563EB and 82564EB allow for Gigabit Ethernet
implementations in a very small package; easing routing constraints from the 631xESB/632xESB
I/O Controller Hub to the PHY.
The Intel® 82563EB/82564EB devices are based upon proven PHY technology integrated into
Intel’s Gigabit Ethernet Controllers. The physical layer circuitry provides a standard IEEE 802.3
Ethernet interface for 1000BASE-T, 100BASE-TX, and 10BASE-T applications (802.3, 802.3u,
and 802.3ab). The 82563EB/82564EB devices are capable of transmitting and receiving data at
rates of 1000 Mb/s, 100 Mb/s, or 10 Mb/s.
1.1
Document Scope
This document contains datasheet specifications for the 82563EB/82564EB Gigabit Platform LAN
Connect, including signal descriptions, DC and AC parameters, packaging data, and pinout
information.
1.2
Reference Documents
This document assumes that the designer is acquainted with high-speed design and board layout
techniques. The following documents provide application information:
• 82563EB/82564EB LAN on Motherboard Design Guide (AP-467), Intel Corporation.
• 82563EB/82564EB Gigabit Platform LAN Connect Specification Update, Intel Corporation.
• 631xESB/632xESB I/O Controller Hub EEPROM Information Guide Application Note (AP-
477), Intel Corporation.
• 82571/82572/ESB2 LAN System Manageability Application Note (AP-497), Intel Corporation.
• IEEE Standard 1149.1, 2001 Edition (JTAG). Institute of Electrical and Electronics Engineers
(IEEE).
• IEEE Standard 802.3, 2002 Edition. Incorporates various IEEE Standards previously
published separately. Institute of Electrical and Electronic Engineers (IEEE).
• Intel® 631xESB/632xESB I/O Controller Hub External Design Specification (EDS), Volumes
1-3, Intel Corporation.
• Bensley/Bensley-VS Platform Design Guide (PDG), Intel Corporation.
• PICMG3.1 Ethernet/Fiber Channel Over PICMG 3.0 Draft Specification, September 4, 2002,
Version 0.90. PCI Industrial Computer Manufacturers Group (PICMG).
Software driver developers should contact their local Intel Representatives for programming
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com