Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 46 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 42Page - Intel Corporation 82563EB Datasheet HTML 43Page - Intel Corporation 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation 82563EB Datasheet HTML 48Page - Intel Corporation 82563EB Datasheet HTML 49Page - Intel Corporation 82563EB Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
40
5.3
Pinout Information
Table 39. 82563EB/82564EB Pinout by Pin Number Order (Sheet 1 of 3)
Pin
82563EB
Dual Port
82564EB
Single Porta
External
Strappingb
1
JTAG_TDI
-
1 - 10 K
Ω, 5%, p/u
2DVDD
-
-
3
JTAG_TMS
-
1 - 10 K
Ω, 5%, p/u
4
RESERVED_NC
-
-
5
RESERVED_NC
-
-
6
RESERVED_NC
-
-
7DVDD
-
-
8
RESERVED_NC
-
-
9
RESERVED_NC
-
-
10
RESERVED_NC
-
-
11
VDDO
-
-
12
DVDD
-
-
13
RESERVED_NC
-
-
14
RESERVED_NC
-
-
15
RESERVED_NC
-
-
16
DVDD
-
-
17
RESERVED_NC
-
-
18
MDIO_ADD[2]
-
1 - 10 K
Ω, 5%, p/d
19
MDIO_ADD[3]
-
1 - 10 K
Ω, 5%, p/d
20
XTAL2
-
-
21
XTAL1
-
-
22
VDDO
-
-
23
CTRL_12
-
-
24
AVDDR
-
-
25
CTRL_18
-
-
26
RESERVED_NC
-
-
27
MDIA_PLUS[0]
-
-
28
MDIA_MINUS[0]
-
-
29
AVDD
-
-
30
AVDD
-
-
31
MDIA_PLUS[1]
-
-
32
MDIA_MINUS[1]
-
-
33
MDIA_PLUS[2]
-
-
34
MDIA_MINUS[2]
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com