Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 41Page - Intel Corporation 82563EB Datasheet HTML 42Page - Intel Corporation 82563EB Datasheet HTML 43Page - Intel Corporation 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation 82563EB Datasheet HTML 48Page - Intel Corporation 82563EB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
39
5.2
Thermal Specifications
The 82563EB/82564EB device is specified for operation when the ambient temperature (TA) is
within the range of 0° C to 60° C.
The maximum junction temperature is 120° C. The maximum ambient temperature with airflow
and/or a heatsink can be calculated using the thermal coefficient data below and the power
specification (see section 4.7)
TC (case temperature) is calculated using the equation:
TC = TA + P (θJA - θJC)
TJ (junction temperature) is calculated using the equation:
TJ = TA + P θJA
P (power consumption) is calculated by using the typical ICC, as indicated in Table 38, and nominal
VCC. The preliminary thermal resistances are shown in Table 38.
Table 38. Thermal Characteristics
Value @ Given Airflow (m/s)
Symbol
Parameter
0
1
2
3
Units
θJ
A
Thermal Resistance, Junction to Ambient
26.1
22.9
21.7
21.1
°C/watt
θJ
C
Thermal Resistance, Junction to Case
12.7
-
-
-
°C/watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com