Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 38 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation 82563EB Datasheet HTML 41Page - Intel Corporation 82563EB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
32
4.8
Reset and Initial Clock Timing
PHY_PWR_GOOD must be low throughout the time that the power supplies are ramping. This
guarantees that the 82563EB/82564EB resets cleanly.
Figure 10. 82563EB/82564EB Reset Timing
Table 32. Specification for External Clock Oscillator
Parameter Name
Symbol
Value
Conditions
Frequency
fo
25.0 [MHz]
@25 [°C]
Swing
Vp-p
3.3 ± 0.3 [V]
-
Frequency Tolerance
∆f/fo
±30 [ppm]
-0 to +70 [°C]
Operating Temperature
Topr
-0 to +70 [°C]
-
Aging
∆f/fo
±5 ppm per year
-
DVDD (1.2V)
PHY _PWR _GOOD
XTAL1
Tppg
Txoc
PHY _CLK _OUT
Oscillator Stable
Power Stable
Tpco
AVDD, AVDDF (1.9V)
VDDO, AVDDR (3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com