Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 49 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation 82563EB Datasheet HTML 48Page - Intel Corporation 82563EB Datasheet HTML 49Page - Intel Corporation 82563EB Datasheet HTML 50Page - Intel Corporation 82563EB Datasheet HTML 51Page - Intel Corporation 82563EB Datasheet HTML 52Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
43
5.4
Interface Diagrams
Figure 13. 82563EB/82564EB Interfaces
Kumeran Port A
Clocks
MDIO Interface
PHY A
TXA _PLUS
Port A LEDs
TXA _MINUS
RXA _PLUS
RXA _MINUS
MDIA_PLUS [3:0]
MDIA_MINUS [3:0]
Chipwide
Power /Ground
Reset
/ Power Down
/ Initialization
MDC
MDIO
MDIO _ADD[3:0]
XTAL 1
XTAL 2
PHY _CLK _OUT
PHY _PWR _GOOD
PHY _RESET _N
PHY _SLEEP
LEDA _LINK _UP _N
JTAG _TCK
JTAG _TDI
JTAG _TDO
JTAG _TMS
JTAG
DVDD (1.2V)
AVDD (1.
9V)
VDDO (3.3V)
VSS
LINK _A
PHY B
Kumeran Port B
Voltage
Control
CTRL _12
CTRL _18
LINK _B
MDIB _PLUS [3:0]
MDIB _MINUS [3:0]
TXB _PLUS
TXB _MINUS
RXB _PLUS
RXB _MINUS
LEDA _ACTIVITY _N
LEDA _SPEED _100 _N
LEDA _SPEED _1000 _N
LEDA _DUPLEX _N
LEDA _TX _ACTIVITY _N
LEDA _RX _ACTIVITY _N
Port B LEDs
AVDDF (1.
9V)
AVDDR (3.3V )
PHY Reference
PHY _REF
LEDB _LINK _UP _N
LEDB _ACTIVITY _N
LEDB _SPEED _100 _N
LEDB _SPEED _1000 _N
LEDB _DUPLEX _N
LEDB _TX _ACTIVITY _N
LEDB _RX _ACTIVITY _N
TEST _JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com