Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 32 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 28Page - Intel Corporation 82563EB Datasheet HTML 29Page - Intel Corporation 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
26
The effective resistance of the pass resistors should be approximately 0.5
Ω and have a combined
power dissipation rating of 0.5 Watts for the 82563EB. Figure 5 shows the recommended
implementation.
Figure 5. 82563EB 1.9V and 1.2V internal LVR schematic
Note:
No resistors are required for the 82564EB as shown in Figure 6 due to the reduction in current
demand. See Figure 4.9 for more details regarding power consumption.
Figure 6. 82564EB 1.9V and 1.2V internal LVR schematic
4.5
Link (MDI) Interface
The Media Dependent Interface pins (MDIA_PLUS[3:0], MDIA_MINUS[3:0],
MDIB_PLUS[3:0], MDIB_MINUS[3:0]) are analog pins conforming to the IEEE 802.3ab (802.3
Clause 40) requirements.
CTRL_18
Vcc3_3
Vcc1_9
1.0 ohm, 5%, 1/4W
1.0 ohm, 5%, 1/4W
Note: PNP needs 0.5 inch by
0.5 inch thermal relief pad
CTRL_12
Vcc3_3
Vcc1_2
1.0 ohm, 5%, 1/4W
1.0 ohm, 5%, 1/4W
Note: PNP needs 0.5 inch by
0.5 inch thermal relief pad
CTRL_18
Vcc3_3
Note: PNP needs 0.5 inch by
0.5 inch thermal relief pad
Vcc1_9
CTRL_12
Vcc3_3
Note: PNP needs 0.5 inch by
0.5 inch thermal relief pad
Vcc1_2
Table 26. Link (MDI) Interface Electrical Specification
Symbol
Parameter
Pins
Condition
Min
Typ
Max
Unit
VODIFF
Absolute peak differ-
ential output voltage
MDI*[1:0]
MDI*[1:0]
MDI*[1:0]
MDI*[3:0]
10Base-T no cable
10Base-T cable
100Base-TX mode
1000Base-Ta
2.2
585b
0.950
0.67
2.5
-
1
0.75
2.8
-
1.050
0.82
V
mV
V
V
Overshoot
MDI[1:0]
100Base-TX mode
0
-
5%
(V)
Amplitude Symmetry
(positive / negative)
MDI[1:0]
100Base-TX mode
0.98x
-
1.02x
V+ /
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com