Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 20 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
14
3.14
Port B Kumeran Interface
MDIB_PLUS[2]
MDIB_MINUS[2]
42
41
AA
Media Dependent Interface for Port B,
bit 2
1000BASE-T:In MDI configuration,
MDI[2]+/- corresponds to
BI_DC+/- and in MDIX
configuration MDI[2]+/-
corresponds to BI_DD+/-.
100BASE-TX:Unused.
10BASE-T:
Unused.
No-connect
MDIB_PLUS[3]
MDIB_MINUS[3]
39
38
AA
Media Dependent Interface for Port B,
bit 3
1000BASE-T:In MDI configuration,
MDI[3]+/- corresponds to
BI_DD+/- and in MDIX
configuration MDI[3]+/-
corresponds to BI_DC+/-.
100BASE-TX:Unused.
10BASE-T:
Unused.
No-connect
LINK_B
54
I/O
PD
TTL8
PHY B Link Indication
This signal is registered at the rising edge
of PHY_PWR_GOOD, and is used to
determine whether PHY_CLK_OUT is
output. See the PHY_CLK_OUT pin for
details. Once PHY_PWR_GOOD is 1b,
LINK_B will always be an output and
indicate link up.
See Table 10
Table 12. Port B PHY Interface Pins (Sheet 2 of 2)
Signal Name
Pin
Type
Sub-
Type
Description
Connection on
82564EB
Single Port Device
Table 13. Port B Kumeran Interface Pins
Signal Name
Pin
Type
Sub-
Type
Description
Connection on
82564EB
Single Port Device
TXB_PLUS
TXB_MINUS
88
87
A-o
A
Port B Kumeran TX Pair
Differential Kumeran Transmit interface.
No-connect
RXB_PLUS
RXB_MINUS
85
84
A-in
A
Port B Kumeran RX Pair
Differential Kumeran Receive interface.
No-connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com