Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation 82563EB Datasheet HTML 41Page - Intel Corporation 82563EB Datasheet HTML 42Page - Intel Corporation 82563EB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
33
There are no required timing relationships between PHY_RESET_N, PHY_SLEEP, and either
PHY_PWR_GOOD, the power supply being stable, or the oscillator being stable. The 82563EB/
82564EB will come out of reset when both PHY_PWR_GOOD is asserted (1b) and
PHY_RESET_N is deasserted (1b). It will be active when PHY_PWR_GOOD is asserted (1b),
PHY_RESET_N is deasserted (1b), and PHY_SLEEP is deasserted (0b).
4.9
Power Consumption
The 82563EB/825654EB’s power consumption (Tables 34 through 37) is the sum of each port’s
power consumption. A port’s power consumption depends on whether the port’s logic, PHY, and
Kumeran are operational, and the 82563EB/825654EB’s operating speeds. These in turn, depend
on the following factors:
Table 33. Reset Specification
Title
Description
Min
Max
Units
PHY_PWR_GOOD pulse
Minimum pulse width for
LAN_PWR_GOOD
100
-
µs
Tppg
Minimum time PHY_PWR_GOOD must be
low after power supply is in operating
range
100
-
µs
Txoc
Time from oscillator stable to
PHY_PWR_GOOD assertion, when using
an external oscillator.
100
-
µs
Tpco
Time from PHY_PWR_GOOD assertion
until the 82563EB/82564EB outputs the
PHY_CLK_OUT.
-
350
µs
PHY_PWR_GOOD input
Powers off the entire chip (including PHY_CLK_OUT) when 0b. It has priority
over PHY_RESET_N or PHY_SLEEP.
PHY_RESET_N input
When 0b, the entire chip is held in reset except PHY_CLK_OUT.
PHY_SLEEP input
When 1b the entire chip is powered down, except PHY_CLK_OUT.
Port Disable Register
The port’s PHY and Kumeran can be disabled by writing a 1b to the “Disable
Port” bit of the “Power Management Control” register.
PHY Power Down
ThE 82563EB/82564EB can be powered down with an indication over the
Kumeran bus or by writing a 1b to the “Control Register’s” “Power Down” bit.
Link Down
When the link is required but the link is down the 82563EB/82564EB remains
in energy detect mode, attempting to detect energy from the link partner.
Speed
The 82563EB/82564EB uses progressively more power as the speed
increases from 10 Mb/s to 100 Mb/s to 1000 Mb/s. Speed is normally based on
auto-negotiation with the link partner, but may be forced or influenced by the
power state.
Power State
The power state can be used in conjunction with the “Low Power Link Up” and
“Auto-Negotiation 1000 Disable” to control the 82563EB/82564EB’s speed.
Kumeran Electrical Idle
Nothing is transmitted on the differential pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com