Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 23 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 23 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation 82563EB Datasheet HTML 25Page - Intel Corporation 82563EB Datasheet HTML 26Page - Intel Corporation 82563EB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
17
4.0
Voltage, Temperature and Timing Specifications
4.1
Absolute Maximum Ratings
4.2
Recommended Operating Conditions
4.3
DC and AC Characteristics
Table 15. Absolute Maximum Ratingsa
Symbol
Parameter
Min
Max
Unit
VDD
DC supply voltage
-0.3
4.6
V
VIN
Input voltage
-1.0
VDD + 0.3
V
IIN
DC input pin current
-10
10
mA
TSTG
Storage temperature
-40
125
°C
a. Maximum ratings are referenced to ground (VSS). Permanent device damage is likely to occur if the rat-
ings in this table are exceeded for an indefinite duration. These values should not be used as the limits for
normal device operations.
Table 16. Recommended Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TOP
Operating Temperature
Convection onlya
060
°C
VDD
Periphery Voltage Range
3.3V
3.00
3.30
3.60
V
VD
Core Digital Voltage Range
1.2V
1.08
1.20
1.32
V
VA
Analog VDD Range
1.9V
1.80
1.90
2.09
V
a. Higher ambient temperatures may be possible with forced airflow.
Table 17. DC and AC Characteristics (Sheet 1 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
Voltage input LOW
-
-0.5
-
0.8
V
VIH
Voltage input HIGH
-
2.0
-
VDD
+0.3
V
VOL
Voltage output LOW
-
-
-
0.4
V
VOH
Voltage output HIGH
-
2.4
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com