Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 25 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation 82563EB Datasheet HTML 25Page - Intel Corporation 82563EB Datasheet HTML 26Page - Intel Corporation 82563EB Datasheet HTML 27Page - Intel Corporation 82563EB Datasheet HTML 28Page - Intel Corporation 82563EB Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
19
Table 18. 3.3V External Power Supply Parameters
Title
Description
Min
Max
Units
Rise Time
Time from 10% to 90% mark
2
200
ms
Monotonicity
Voltage dip allowed in ramp
-
300
mV
Slope
Ramp rate at any given time between
10% and 90%
Min: 0.8*V(min)/Rise time (max)
Max: 0.8*V(max)/Rise time (min)
-
1500
mV/ms
Operational Range
Voltage range for normal operating
conditions
3.0
3.6
V
Ripple
Maximum voltage ripple (peak to
peak)a
-
100
mV
Overshoot
Maximum overshoot allowed
-
660
mV
Overshoot Settling
Time
Maximum overshoot allowed
duration.
(At that time delta voltage should be
lower than 5 mV from steady state
voltage)
-3
ms
a. The peak to peak output rippled is measured at 20 MHz Bandwidth within the operational range.
Table 19. 1.9V External Power Supply Parameters
Title
Description
Min
Max
Units
Rise Time
Time from 10% to 90% mark
2
200
ms
Monotonicity
Voltage dip allowed in ramp
-
180
mV
Slope
Ramp rate at any given time between
10% and 90%
Min: 0.8*V(min)/Rise time (max)
Max: 0.8*V(max)/Rise time (min)
-
1500
mV/ms
Operational Range
Voltage range for normal operating
conditions
1.80
2.09
V
Ripple
Maximum voltage ripple (peak to
peak)a
-
100
mV
Overshoot
Maximum overshoot allowed
-
360
mV
Overshoot Settling
Time
Maximum overshoot allowed
duration.
(At that time delta voltage should be
lower than 5 mv from steady state
voltage)
-1.5
ms
Decoupling
Capacitance
Capacitance range
5
-
µF
Capacitance ESR
Equivalent series resistance of output
capacitance
-
100
M
Ω
a. The peak to peak output ripple is measured at 20 MHz Bandwidth within the operational range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com