Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation 82563EB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
15
3.15
Port B LEDs
Table 14. Port B LEDs
Signal Name
Pin
Type
Sub-
Type
Description
Connection on
82564EB
Single Port
Device
LEDB_LINK_UP_N
63
O
TTL12
LED 0 – Link Up/Activity LED
This corresponds to port 1’s LED#0
from the 631xESB/632xESB.
No-connect
LEDB_ACTIVITY_N
62
O
TTL12
LED 1 – 10 Mbps LED
This corresponds to port 1’s LED#1
from the 631xESB/632xESB.
No-connect
LEDB_SPEED_100_
N
61
O
TTL12
LED 2 – 100 Mbps LED
This corresponds to port 1’s LED#2
from the 631xESB/632xESB.
No-connect
LEDB_SPEED_1000_
N
58
O
TTL12
LED 3 – 1000 Mbps LED
This corresponds to port 1’s LED#3
from the 631xESB/632xESB.
No-connect
LEDB_DUPLEX
57
O
TTL12
LED 4 – Full Duplex LED
This LED will light when port 1’s PHY
is operating in Full Duplex Mode
No-connect
LEDB_TX_ACTIVITY
56
O
TTL12
LED 5 – Transmit Activity LED
This LED will light when port 1’s PHY
transmits a packet
No-connect
LEDB_RX_ACTIVITY
55
O
TTL12
LED 6 – Receive Activity LED
This LED will light when port 1’s PHY
receives a packet
This pin also functions as the clock
view pin and will output clock signals
required for IEEE conformance
testing. This pin should have a
stuffing option for a test header.
No-connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com