Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 47 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 43Page - Intel Corporation 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation 82563EB Datasheet HTML 48Page - Intel Corporation 82563EB Datasheet HTML 49Page - Intel Corporation 82563EB Datasheet HTML 50Page - Intel Corporation 82563EB Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
41
35
AVDD
-
-
36
MDIA_PLUS[3]
-
-
37
MDIA_MINUS[3]
-
-
38
MDIB_MINUS[3]
RESERVED_NC
-
39
MDIB_PLUS[3]
RESERVED_NC
-
40
AVDD
-
-
41
MDIB_MINUS[2]
RESERVED_NC
-
42
MDIB_PLUS[2]
RESERVED_NC
-
43
MDIB_MINUS[1]
RESERVED_NC
-
44
MDIB_PLUS[1]
RESERVED_NC
-
45
AVDD
-
-
46
AVDD
-
-
47
MDIB_MINUS[0]
RESERVED_NC
-
48
MDIB_PLUS[0]
RESERVED_NC
-
49
RESERVED_NC
-
-
50
PHY_REF
-
4.99 K
Ω, 1%, p/d
51
AVDDR
-
-
52
RESERVED_NC
-
-
53
RESERVED_NC
-
-
54
LINK_B
-
See Table 10
55
LEDB_RX_ACTIVITY
RESERVED_NC
test point
56
LEDB_TX_ACTIVITY
RESERVED_NC
-
57
LEDB_DUPLEX
RESERVED_NC
-
58
LEDB_SPEED_1000_N
RESERVED_NC
-
59
DVDD
-
-
60
VDDO
-
-
61
LEDB_SPEED_100_N
RESERVED_NC
-
62
LEDB_ACTIVITY_N
RESERVED_NC
-
63
LEDB_LINK_UP_N
RESERVED_NC
-
64
DVDD
-
-
65
LINK_A
-
See Table 10
66
LEDA_RX_ACTIVITY
-
test point
67
LEDA_TX_ACTIVITY
-
-
68
LEDA_DUPLEX
-
-
69
DVDD
-
-
70
LEDA_SPEED_1000_N
-
-
71
LEDA_SPEED_100_N
-
-
Table 39. 82563EB/82564EB Pinout by Pin Number Order (Sheet 2 of 3)
Pin
82563EB
Dual Port
82564EB
Single Porta
External
Strappingb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com