Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 30 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 26Page - Intel Corporation 82563EB Datasheet HTML 27Page - Intel Corporation 82563EB Datasheet HTML 28Page - Intel Corporation 82563EB Datasheet HTML 29Page - Intel Corporation 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
24
4.4.4.4
1.9V Internal LVR Specification
4.4.4.5
1.2V Internal LVR Specification
Table 23. 1.9V Internal LVR Specification
Parameter
Value
Units
Comments
Minimum
Maximum
Input Voltage
3.0
3.6
V
-
Input Capacitance
4.7
-
µF-
Input Capacitance ESR
-
100
M
Ω
-
Load Current
1
-
A
VOUT = 1.900 V
Output Voltage Tolerance
-5
+10
%
-
Output Capacitance
4.7
-
µF-
Output Capacitance ESRa
-
100
M
Ω
-
Current Consumption during power up
-
0.5
mA
-
Current Consumption during power down
-
0.5
mA
-
Peak to Peak output Rippleb
-
100
mV
-
PSRR
-
20
dB
-
Turn-On Time
0.1
1
ms
-
External PNP hFE
100
N/A
-
-
a. The use of Tantalum capacitors is not recommended.
b. The peak to peak output rippled is measured at 20 MHz Bandwidth within the operational range.
Table 24. 1.2V Internal LVR Specification (Sheet 1 of 2)
Parameter
Value
Units
Comments
Minimum
Maximum
Input Voltage
3.0
3.6
V
-
Input Capacitance
4.7
-
µF-
Input Capacitance ESR
-
100
M
Ω
-
Load Current
1
-
A
VOUT = 1.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com