Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 48 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation 82563EB Datasheet HTML 48Page - Intel Corporation 82563EB Datasheet HTML 49Page - Intel Corporation 82563EB Datasheet HTML 50Page - Intel Corporation 82563EB Datasheet HTML 51Page - Intel Corporation 82563EB Datasheet HTML 52Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
42
72
LEDA_ACTIVITY_N
-
-
73
LEDA_LINK_UP_N
-
-
74
DVDD
-
-
75
VDDO
-
-
76
MDIO
-
-
77
MDC
-
1 - 10 K
Ω, 5% p/d
78
MDIO_ADD[0]
-
1- 10 K
Ω, 5% p/d
79
MDIO_ADD[1]
-
1 - 10 K
Ω, 5% p/d
80
PHY_SLEEP
-
1 - 10 K
Ω, 5% p/d
81
PHY_RESET_N
-
1 - 10 K
Ω, 5% p/u
82
RESERVED_PD
-
1 - 10 K
Ω, 5% p/d
83
PHY_PWR_GOOD
-
-
84
RXB_MINUS
RESERVED_NC
-
85
RXB_PLUS
RESERVED_NC
-
86
AVDDF
-
-
87
TXB_MINUS
RESERVED_NC
-
88
TXB_PLUS
RESERVED_NC
-
89
VSS
-
-
90
TXA_PLUS,
-
-
91
TXA_MINUS
-
-
92
AVDDF
-
-
93
RXA_PLUS,
-
-
94
RXA_MINUS
-
-
95
TEST_JTAG
-
1 - 10 K
Ω, 5% p/u
96
PHY_CLK_OUT
-
-
97
VDDO
-
-
98
RESERVED_NC
-
-
99
JTAG_TDO
-
-
100
JTAG_TCK
-
1 - 10 K
Ω, 5%,p/d
Central
Pad
VSS
-
-
a. The 82564EB device uses the same name as the 82563EB device unless otherwise specified.
b. For those external strappings that state 1 - 10 K
Ω, 5%, the recommended value within that range
is 3.3 K
Ω, 5%.
Table 39. 82563EB/82564EB Pinout by Pin Number Order (Sheet 3 of 3)
Pin
82563EB
Dual Port
82564EB
Single Porta
External
Strappingb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com