Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 31 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 27Page - Intel Corporation 82563EB Datasheet HTML 28Page - Intel Corporation 82563EB Datasheet HTML 29Page - Intel Corporation 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
25
4.4.4.6
PNP Transistor Specification for Internal LVR
4.4.4.7
Internal LVR Board Schematic
When using the internal voltage regulator controllers built into the 82563EB/82564EB, series
resistors may need to be placed in series with the collector in order to prevent the PNP transistors
from overheating. These series resistors dissipate a portion of the power that would otherwise be
dissipated by the PNP devices. The value and power rating of the resistors must be carefully chosen
to balance thermal limits against the PNP characteristics against total current draw. The regulator
must never drop below the minimum Vce and out of the linear region.
Output Voltage Tolerance
-10
+10
%
-
Output Capacitance
4.7
-
µF-
Output Capacitance ESRa
-
100
M
Ω
-
Current Consumption during power up
-
0.5
mA
-
Current Consumption during power down
-
0.5
mA
-
Peak to Peak output Rippleb
-
100
mV
-
PSRR
-
20
dB
-
Turn-On Time
0.1
1
ms
-
External PNP hFE
100
-
-
-
a. The use of Tantalum capacitors is not recommended.
b. The peak to peak output ripple is measured at 20 MHz Bandwidth within the operational range.
Table 24. 1.2V Internal LVR Specification (Sheet 2 of 2)
Parameter
Value
Units
Comments
Minimum
Maximum
Table 25. PNP Specification
Title
Description
Min
Max
Units
Vce,sat
Collector-emitter saturation voltage
-
0.5
V
Ic(max)
Collector current, maximum sustained
-
1000
mA
Ib
Base current, maximum sustained
-
10
mA
Vbe
Base-emitter on voltage
-
1
V
Tjmax
Maximum junction temperature
-
150
°C
Power
Dissipation
Maximum total power dissipation
-
1.35
W
hFE
DC Current gain
100
-
-
fT
Current Gain Product Bandwidth
10
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com