Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
10
3.9
Reserved Signals
3.10
Voltage Control Pins
Table 8.
Test Signals
Signal Name
Pin
Type
Sub-
Type
Description
RESERVED_NC
4
5
6
8
9
10
13
14
15
17
26
49
52
53
98
NC
NC
Reserved No Connect
This pin should be left disconnected in normal operation.
Connecting any of these pins may cause adverse effects and will
not be supported.
RESERVED_PD
82
I (T)
TTL
Reserved, Pull-down
This signal used in the XOR chain. It should be pulled to VSS via
a 1 to10 K
Ω resistor.
Table 9.
Voltage Control Pins
Signal Name
Pin
Type
Sub-
Type
Description
CTRL_18
25
A
A
1.9V LVR Power Output Reference
Voltage control for an external 1.9V PNP transistor in order to
produce a linearly-regulated supply.
If the 1.9V internal voltage regulator control circuit is not used,
connect the CTRL_18 pin to VSS through a 10 K
Ω resistor.
CTRL_12
23
A
A
1.2V LVR Power Output Reference
Voltage control for an external 1.2V PNP transistor in order to
produce a linearly-regulated supply.
If the 1.2V internal voltage regulator control circuit is not used,
connect the CTRL_12 pin to VSS through a 10 K
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com