Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 1 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 1 Page - Intel Corporation

  82563EB Datasheet HTML 1Page - Intel Corporation 82563EB Datasheet HTML 2Page - Intel Corporation 82563EB Datasheet HTML 3Page - Intel Corporation 82563EB Datasheet HTML 4Page - Intel Corporation 82563EB Datasheet HTML 5Page - Intel Corporation 82563EB Datasheet HTML 6Page - Intel Corporation 82563EB Datasheet HTML 7Page - Intel Corporation 82563EB Datasheet HTML 8Page - Intel Corporation 82563EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN
Connect
Networking Silicon
Datasheet
Product Features
■
IEEE 802.3ab compliant
— Robust operation over the installed base of
Category-5 (Cat-5) twisted pair cabling
■
PICMG 3.1 compliant
— Robust operation in backplane over
Ethernet applications.
■
Support for cable line lengths greater than
100 m (spec); 123 m physical
— Robust end to end connections over
various cable lengths
■
Full duplex at 10, 100, or 1000 Mb/s and half
duplex at 10 or 100 Mb/s.
■
IEEE 802.3ab Auto-negotiation with Next
Page support
— Automatic link configuration including
speed, duplex, and flow control
■
10/100 downshift
— Automatic link speed adjustment with
poor quality cable
■
Automatic MDI crossover
— Helps to correct for infrastructure issues
■
Advanced Cable Diagnostics
— Improved end-user troubleshooting
■
Kumeran interface
— Low pin count, high speed interface to the
Intel® 631xESB/632xESB I/O Controller
Hub
— Allows PHY placement proximity to I/O
back panel.
■
7 LED outputs per port (4 configurable plus 3
dedicated)
— Link and Activity indications (10, 100,
1000 Mb/s) on each port
■
Clock supplied to the 631xESB/632xESB
— Cost optimized design
■
Full chip power down
— Support for lowest power state
■
100 pin TQFP Package
— Smaller footprint and lower power
dissipation compared to multi-chip MAC
and PHY solutions
■
Operating temperature: 0°C to 60° C
(maximum) – heat sink or forced airflow not
required
— Simple thermal design
■
Power Consumption: < 1.0 Watts per port
(silicon power)
— Minimize impact of incorporating dual
Gigabit instead of Fast Ethernet
■
Leaded and lead-free
a 100-pin TQFL with an
Exposed-Pad*. Devices that are lead-free are
marked with a circled “e3” and have a
product code: HYXXXXX
a.This device is lead-free. That is, lead has not been intentionally added, but lead may still exist as an impurity at <1000 ppm.
The Material Declaration Data Sheet, which includes lead impurity levels and the concentration of other Restriction on Hazard-
ous Substances (RoHS) -banned materials, is available at:
ftp://download.intel.com/design/packtech/material_content_IC_Pack
In addition, this device has been tested and conforms to the same parametric specifications as previous versions of the device.
For more information regarding lead-free products from Intel Corporation, contact your Intel Field Sales representative.
316534-004
Revision 2.9


Similar Part No. - 82563EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
100Kb / 2P
Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
More results

Similar Description - 82563EB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562G INTEL-82562G Datasheet
503Kb / 44P
Mbps Platform LAN Connect
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
10/100 Mbps Platform LAN Connect
82562EP INTEL-82562EP Datasheet
356Kb / 24P
82562EP 10/100 Mbps Platform LAN Connect (PLC)
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
82566 Gigabit Platform LAN Connect
DA82562EM INTEL-DA82562EM Datasheet
458Kb / 40P
82562ET 10/100 Mbps Platform LAN Connect (PLC)
82563EB INTEL-82563EB Datasheet
100Kb / 2P
Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
10/100 Mbps Platform LAN Connect (PLC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com