Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 24 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 24 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation 82563EB Datasheet HTML 22Page - Intel Corporation 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation 82563EB Datasheet HTML 25Page - Intel Corporation 82563EB Datasheet HTML 26Page - Intel Corporation 82563EB Datasheet HTML 27Page - Intel Corporation 82563EB Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
18
4.4
Power Supply Connections
There are two options in providing power to the 82563EB/82564EB:
• Connecting the 82563EB/82564EB to three external power supplies with nominal voltages of
3.3V, 1.9V, and 1.2V covered in Section 4.4.1.
• Powering the 82563EB/82564EB with only an external 3.3V supply, and using internal power
regulators from the 82563EB/82564EB combined with external PNP transistors to supply the
1.9V and 1.2V levels. covered in Section 4.4.3.
4.4.1
External LVR Power Delivery
The following power supply requirements apply to designs in which the 82563EB/82564EB is
supplied by external voltage regulators. These systems do not use the internal regulator logic built
into the 82563EB/82564EB as described in Section 4.4.3.
IOL
Output current LOW
3mA drivers (TTL3)
6mA drivers (TTL6)
12mA drivers (TTL12)
VOL
VOL
VOL
3
6
12
--
mA
mA
mA
IOH
Output current HIGH
3mA drivers (TTL3)
6mA drivers (TTL6)
12mA drivers (TTL12)
VOH
VOH
VOH
-3
-6
-12
--
mA
mA
mA
IIN
Input Current
TTL inputs
Inputs with pull-down resistors
TTL inputs with pull-up resistors
VIN = VDD or VSS
VIN = VDD
VIN = VSS
-10
23
-23
±1
10
72
-72
µA
µA
µA
IOZ
3-state output leakage current
VOH = VDD or VSS
-10
±110
µA
CIN
Input capacitance
Any input and bi-
directional buffer
-2.5
-
pF
COUT
Output capacitance
Any output buffer
-
2.0
-
pF
RPUD
Internal Pull-up/down Resistor
value
-
50
-
130
k
Ω
Table 17. DC and AC Characteristics (Sheet 2 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com