Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 29Page - Intel Corporation 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
27
4.6
Kumeran (Serial) Interface
The Kumeran interface is electrically compatible with the SERDES implemented in 1000Base-BX
applications, as defined in the PICMG 3.1 Specification, Version 1.0, Chapter 5, Backplane
Physical Layers Interfaces. It also implements electrical idle as described in section 3.5.4. As part
of the electrical idle implementation, the Kumeran interface also needs to be able to detect when
the 631xESB/632xESB is in electrical idle.
4.6.1
Transmit
The transmit specifications are measured with the following test load.
VIDIFF
Peak differential input
voltage
MDI[1:0]
10Base-T
585c
--
mV
Signal Detect Assertion
MDI[1:0]
100Base-TX
460d
1000
mV
peak
-
peak
Signal Detect De-
assertion
MDI[1:0]
-
200
360e
mV
peak
-
peak
a.
IEEE 802.3ab Figure 40-19 points A&B.
b.
IEEE 802.3 Clause 14, Figure 14.9 shows the template for the “far end” wave form. This template allows as little as 495mV peak differential
voltage at the far end receiver.
c.
See IEEE 802.3, Clause 14, Figure 14.17 for the template for the receive wave form.
d.
The ANSI TP-PMD specification requires that any received signal with peak-to-peak differential amplitude greater than 1000 mV should turn on
signal detect. The 82563EB/82564EB will accept signals typically with 460 mV peak-to-peak differential amplitude.
e.
The ANSI TP-PMD specification requires that any received signal with peak-to-peak differential amplitude less than 200 mV should de-assert
signal detect. The 82563EB/82564EB will reject signals typically with 360 mV peak-to-peak differential amplitude
Table 26. Link (MDI) Interface Electrical Specification
Symbol
Parameter
Pins
Condition
Min
Typ
Max
Unit
Table 27. Kumeran (Serial) Transmit Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Data Rate (original data)
999.9
1000
1000.1
Mb/s
1000 mb/s ± 100 ppm
Signaling Speed (raw data
rate of encoded data)
1249.875
1250
1250.125
V
1250 mb/s ± 100 ppm
Clock Tolerance
-100
-
+100
ppm
VDIFFp-p
Differential Output
Amplitude (peak to peak)
750
-
1350
mV
VDIFFp
Differential Output
Amplitude (peak)
375
-
675
mV
Equivalent to VDIFFp-p
Return Loss
10
-
-
dB
Impedance at Connection
70
100
130
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com