Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 27 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 23Page - Intel Corporation 82563EB Datasheet HTML 24Page - Intel Corporation 82563EB Datasheet HTML 25Page - Intel Corporation 82563EB Datasheet HTML 26Page - Intel Corporation 82563EB Datasheet HTML 27Page - Intel Corporation 82563EB Datasheet HTML 28Page - Intel Corporation 82563EB Datasheet HTML 29Page - Intel Corporation 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
21
Figure 3. 82563EB/82564EB power up sequencing with external regulators
4.4.2.2
External LVR Power down Sequencing
There are no specific power down sequencing and tracking requirements for the 82563EB/
82564EB silicon. The risk of latch-up or electrical overstress is small because only the charge
stored in the decoupling capacitors is left in the system.
4.4.3
Internally-Generated Power Delivery
The 82563EB/82564EB has two internal linear voltage regulator controllers. The controllers use
external transistors to generate 2 of the 3 required voltages: 1.9V (nominal) and 1.2V (nominal).
These two voltages are stepped-down from a 3.3V source.
3.3 V
1.2 V
Max
Difference
≤
0.5 V
1.9 V
Max
Difference
≤
0.5 V
V
t
Table 21. 3.3V External Power Supply Parameters
Title
Description
Min
Max
Units
Rise Time
Time from 10% to 90% mark
2
200
ms
Monotonicity
Voltage dip allowed in ramp
-
300
mV
Slope
Ramp rate at any given time between
10% and 90%
Min: 0.8*V(min)/Rise time (max)
Max: 0.8*V(max)/Rise time (min)
-
1500
mV/ms
Operational Range
Voltage range for normal operating
conditions
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com