Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82563EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
8
3.5
Port A Kumeran Interface
3.6
Port A LEDs
Table 4.
Port A Kumeran Interface Pins
Signal Name
Pin
Type
Sub-
Type
Description
TXA_PLUS,
TXA_MINUS
90
91
A-o
A
Port A KumeranTX Pair
Differential Kumeran Transmit interface.
RXA_PLUS,
RXA_MINUS
93
94
A-in
A
Port A Kumeran RX Pair
Differential Kumeran Receive interface.
Table 5.
Port A LEDs
Signal Name
Pin
Type
Sub-
Type
Description
LEDA_LINK_UP_N
73
O
TTL12
LED 0 – Link Up LED
This corresponds to port 0’s LED#0 from the
631xESB/632xESB.
LEDA_ACTIVITY_N
72
O
TTL12
LED 1 – 10 Mbps LED
This corresponds to port 0’s LED#1 from the
631xESB/632xESB.
LEDA_SPEED_100_N
71
O
TTL12
LED 2 – 100 Mbps LED
This corresponds to port 0’s LED#2 from the
631xESB/632xESB.
LEDA_SPEED_1000_N
70
O
TTL12
LED 3 – 1000 Mbps LED
This corresponds to port 0’s LED#3 from the
631xESB/632xESB.
LEDA_DUPLEX
68
O
TTL12
LED 4 – Full Duplex LED
This LED will light when port 0’s PHY is operating in
Full Duplex Mode
LEDA_TX_ACTIVITY
67
O
TTL12
LED 5 – Transmit Activity LED
This LED will light when the port 0’s PHY transmits a
packet
LEDA_RX_ACTIVITY
66
O
TTL12
LED 6 – Receive Activity LED
This LED will light when the port 0’s PHY receives a
packet
This pin also functions as the clock view pin and will
output clock signals required for IEEE conformance
testing. This pin should have a stuffing option for a test
header.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com