Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 46 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 46 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 42Page - Micron Technology JS28F512P30TFA Datasheet HTML 43Page - Micron Technology JS28F512P30TFA Datasheet HTML 44Page - Micron Technology JS28F512P30TFA Datasheet HTML 45Page - Micron Technology JS28F512P30TFA Datasheet HTML 46Page - Micron Technology JS28F512P30TFA Datasheet HTML 47Page - Micron Technology JS28F512P30TFA Datasheet HTML 48Page - Micron Technology JS28F512P30TFA Datasheet HTML 49Page - Micron Technology JS28F512P30TFA Datasheet HTML 50Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
46
Order Number: 208042-0
6
13.0
Maximum Ratings and Operating Conditions
13.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the Absolute Maximum Ratings may cause permanent
damage. These are stress ratings only.
13.2
Operating Conditions
Note:
Operation beyond the Operating Conditions is not recommended and extended
exposure beyond the Operating Conditions may affect device reliability.
Table 19: Absolute Maximum Ratings
Parameter
Maximum Rating
Notes
Temperature under bias
–40°C to +85°C
-
Storage temperature
–65°C to +125°C
-
Voltage on any signal (except VCC, VPP and VCCQ)
–0.5V to +4.1V
1
VPP voltage
–0.2V to +10.0V
1,2,3
VCC voltage
–0.2V to +2.5V
1
VCCQ voltage
–0.2V to +4.1V
1
Output short circuit current
100mA
4
Notes:
1.
Voltages shown are specified with respect to VSS. Minimum DC voltage is –0.5V on input/output signals and –0.2V
on VCC, VCCQ, and VPP. During transitions, this level may undershoot to –2.0V for periods less than 20ns.
Maximum DC voltage on VCC is VCC + 0.5V, which, during transitions, may overshoot to VCC + 2.0V for periods
less than 20ns. Maximum DC voltage on input/output signals and VCCQ is VCCQ + 0.5V, which, during transitions,
may overshoot to VCCQ + 2.0V for periods less than 20ns.
2.
Maximum DC voltage on VPP may overshoot to +11.5V for periods less than 20ns.
3.
Program/erase voltage is typically 1.7V – 2.0V. 9.0V can be applied for 80hours maximum total, to any blocks for
1000 cycles maximum. 9.0V program/erase voltage may reduce block cycling capability.
4.
Output shorted for no more than one second. No more than one output shorted at a time.
Table 20: Operating Conditions
Symbol
Parameter
Min
Max
Unit
Notes
TC
Operating Temperature
–40
+85
°C
1
VCC
VCC Supply Voltage
1.7
2.0
V
-
VCCQ
I/O Supply Voltage
CMOS inputs
1.7
3.6
TTL inputs
2.4
3.6
VPPL
VPP Voltage Supply (Logic Level)
0.9
3.6
2
VPPH
Buffered Enhanced Factory Programming VPP
8.5
9.5
tPPH
Maximum VPP Hours
VPP = VPPH
-80
Hours
Block
Erase
Cycles
Array Blocks
VPP = VPPL
100,000
-
Cycles
VPP = VPPH
100,000
-
Notes:
1.
TC = Case Temperature.
2.
In typical operation VPP program voltage is VPPL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com