Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 15 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 15 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 11Page - Micron Technology JS28F512P30TFA Datasheet HTML 12Page - Micron Technology JS28F512P30TFA Datasheet HTML 13Page - Micron Technology JS28F512P30TFA Datasheet HTML 14Page - Micron Technology JS28F512P30TFA Datasheet HTML 15Page - Micron Technology JS28F512P30TFA Datasheet HTML 16Page - Micron Technology JS28F512P30TFA Datasheet HTML 17Page - Micron Technology JS28F512P30TFA Datasheet HTML 18Page - Micron Technology JS28F512P30TFA Datasheet HTML 19Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
Datasheet
Sept 2012
15
Order Number:208042-0
6
P30-65nm
4.1
Dual-Die Configurations
Note:
Amax = VIH selects the Upper Die; Amax = VIL selects the Lower Die.
RFU
—
RESERVED FOR FUTURE USE: Reserved by Numonyx for future device functionality and
enhancement. These should be treated in the same way as a Don’t Use (DU) signal.
DU
—
DON’T USE: Do not connect to any other signal, or power supply; must be left floating.
NC
—
NO CONNECT: No internal connection; can be driven or floated.
Table 4:
TSOP and Easy BGA Signal Descriptions (Sheet 2 of 2)
Symbol
Type
Name and Function
Figure 7: Dual-Die Block Diagram (2-Gbit)
Upper Die
(1-Gbit)
Lower Die
(1-Gbit)
WP#
CLK
CE#
ADV#
OE#
WAIT
WE#
RST#
VCC
VPP
DQ[15:0]
A[MAX:1]
VCCQ
VSS
2-Gbit (Dual-Die) Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com