Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 16 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 16 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 12Page - Micron Technology JS28F512P30TFA Datasheet HTML 13Page - Micron Technology JS28F512P30TFA Datasheet HTML 14Page - Micron Technology JS28F512P30TFA Datasheet HTML 15Page - Micron Technology JS28F512P30TFA Datasheet HTML 16Page - Micron Technology JS28F512P30TFA Datasheet HTML 17Page - Micron Technology JS28F512P30TFA Datasheet HTML 18Page - Micron Technology JS28F512P30TFA Datasheet HTML 19Page - Micron Technology JS28F512P30TFA Datasheet HTML 20Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
16
Order Number: 208042-0
6
5.0
Bus Operations
CE# low and RST# high enable device read operations. The device internally decodes
upper address inputs to determine the accessed block. ADV# low opens the internal
address latches. OE# low activates the outputs and gates selected data onto the I/O
bus.
Bus cycles to/from the P30-65nm device conform to standard microprocessor bus
operations. Table 5, “Bus Operations Summary” summarizes the bus operations and
the logic levels that must be applied to the device control signal inputs.
5.1
Read - Asynchronous Single Word Mode
To perform an asynchronous single word read, an address is driven onto the address
bus, and CE# is asserted. ADV# must be held low throughout the read cycle for TSOP
package. ADV# can either be driven high to latch the address or be held low
throughout the read cycle for Easy BGA package. WE# and RST# must already have
been deasserted. WAIT is set to a deasserted state during single word mode as
determined by RCR.10. CLK is not used for asynchronous single word reads, and is
ignored. After OE# is asserted, the data is driven onto DQ[15:0] after an initial access
time tAVQV or tGLQV delay. (See Table 25, “AC Read Specifications -” on page 51).
Note:
If only asynchronous reads are to be performed, CLK should be tied to a valid
VIH level, WAIT signal can be floated and ADV# must be tied to ground.
Refer to the following waveforms for more detailed information. Figure 18,
“Asynchronous Single-Word Read (ADV# Low)” on page 52, and Figure 19,
“Asynchronous Single-Word Read for Easy BGA (ADV# Latch)” on page 53.
5.2
Read - Asynchronous Page Mode (Easy BGA)
To perform an asynchronous page read, an address is driven onto the address bus, and
CE# and ADV# are asserted. WE# and RST# must already have been deasserted.
WAIT is set to a deasserted state during asynchronous page mode and single word
mode as determined by RCR.10. ADV# can be driven high to latch the address, or it
must be held low throughout the read cycle. CLK is not used for asynchronous page-
mode reads, and is ignored. After OE# is asserted, the data is driven onto DQ[15:0]
after an initial access time tAVQV or tGLQV delay. (See Table 25, “AC Read Specifications
-” on page 51.)
Table 5:
Bus Operations Summary
Bus Operation
RST#
CLK
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
Notes
Read
Asynchronous
VIH
XL
L
L
H
Deasserted
Output
-
Synchronous
VIH
Running
L
L
L
H
Driven
Output
-
Write
VIH
X
L
L
H
L
High-Z
Input
1
Output Disable
VIH
X
X
L
H
H
High-Z
High-Z
2
Standby
VIH
X
X
H
X
X
High-Z
High-Z
2
Reset
VIL
X
X
X
X
X
High-Z
High-Z
2,3
Notes:
1.
Refer to the
Table 7, “Command Bus Cycles” on page 21 for valid DQ[15:0] during a write
operation.
2.
X = Don’t Care (H or L).
3.
RST# must be at VSS ± 0.2V to meet the maximum specified power-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com