Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 47 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 47 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 43Page - Micron Technology JS28F512P30TFA Datasheet HTML 44Page - Micron Technology JS28F512P30TFA Datasheet HTML 45Page - Micron Technology JS28F512P30TFA Datasheet HTML 46Page - Micron Technology JS28F512P30TFA Datasheet HTML 47Page - Micron Technology JS28F512P30TFA Datasheet HTML 48Page - Micron Technology JS28F512P30TFA Datasheet HTML 49Page - Micron Technology JS28F512P30TFA Datasheet HTML 50Page - Micron Technology JS28F512P30TFA Datasheet HTML 51Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
Datasheet
Sept 2012
47
Order Number:208042-0
6
P30-65nm
14.0
Electrical Specifications
14.1
DC Current Characteristics
Table 21: DC Current Characteristics (Sheet 1 of 2)
Symb
Parameter
CMOS Inputs
(VCCQ =
1.7V - 3.6V)
TTL Inputs
(VCCQ =
2.4V - 3.6V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max
ILI
Input Load Current
512-Mbit/
1-Gbit
-±1
-
±2
µA
VCC = VCC Max
VCCQ = VCCQ Max
VIN = VCCQ or VSS
1,6
2-Gbit
-
±2
-
±4
ILO
Output Leakage
Current
512-Mbit/
1-Gbit
-±1
-
±10
µA
VCC = VCC Max
VCCQ = VCCQ Max
VIN = VCCQ or VSS
DQ[15:0], WAIT
2-Gbit
-
±2
-
±20
ICCS,
ICCD
VCC Standby,
Power-Down
512-Mbit
70
225
70
225
µA
VCC = VCC Max
VCCQ = VCC Max
CE# =VCCQ
RST# = VCCQ (for ICCS)
RST# = VSS (for ICCD)
WP# = VIH
1,2
1-Gbit
75
240
75
240
2-Gbit
150
480
150
480
ICCR
Average
VCC Read
Current
Asynchronous Single-
Word f = 5MHz (1 CLK)
26
31
26
31
mA
16-Word
Read
VCC = VCCMax
CE# = VIL
OE# = VIH
Inputs: VIL or
VIH
1
Page-Mode Read
f = 13MHz (17 CLK)
12
16
12
16
mA
16-Word
Read
Synchronous Burst
f = 52MHz, LC=4
19
22
19
22
mA
8-Word Read
16
18
16
18
mA
16-Word
Read
21
24
21
24
mA
Continuous
Read
ICCW,
ICCE
VCC Program Current,
VCC Erase Current
35
50
35
50
mA
VPP = VPPL, Pgm/Ers in progress
1,3,5
35
50
35
50
VPP = VPPH, Pgm/Ers in progress
1,3,5
ICCWS
,
ICCES
VCC Program Suspend
Current,
VCC Erase
Suspend Current
512-Mbit
70
225
70
225
µA
CE# = VCCQ; suspend in
progress
1,3,4
1-Gbit
75
240
75
240
2-Gbit
75
240
75
240
IPPS,
IPPWS
,
IPPES
VPP Standby Current,
VPP Program Suspend
Current,
VPP Erase Suspend
Current
512-Mbit
0.2
5
0.2
5
µA
VPP = VPPL, suspend in progress
1,3,7
1-Gbit
0.2
5
0.2
5
2-Gbit
0.4
10
0.4
10
IPPR
VPP Read
2
15
2
15
µA
VPP = VPPL
1,3
IPPW
VPP Program Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, program in progress
3
0.05
0.10
0.05
0.10
VPP = VPPH, program in progress
IPPE
VPP Erase Current
0.05
0.10
0.05
0.10
mA
VPP = VPPL, erase in progress
3
0.05
0.10
0.05
0.10
VPP = VPPH, erase in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com