Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 28 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 28 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 24Page - Micron Technology JS28F512P30TFA Datasheet HTML 25Page - Micron Technology JS28F512P30TFA Datasheet HTML 26Page - Micron Technology JS28F512P30TFA Datasheet HTML 27Page - Micron Technology JS28F512P30TFA Datasheet HTML 28Page - Micron Technology JS28F512P30TFA Datasheet HTML 29Page - Micron Technology JS28F512P30TFA Datasheet HTML 30Page - Micron Technology JS28F512P30TFA Datasheet HTML 31Page - Micron Technology JS28F512P30TFA Datasheet HTML 32Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
28
Order Number: 208042-0
6
program operation that is running during an erase suspend can be suspended to
perform a read operation (see Figure 31, “Program Suspend/Resume Flowchart” on
page 73).
When a programming operation is executing, issuing the Program Suspend command
requests the WSM to suspend the programming algorithm at predetermined points. The
device continues to output Status Register data after the Program Suspend command is
issued. Programming is suspended when Status Register bits SR[7,2] are set. Suspend
latency is specified in Section 15.5, “Program and Erase Characteristics” on page 59.
To read data from the device, the Read Array command must be issued. Read Array,
Read Status Register, Read Device Identifier, Read CFI, and Program Resume are valid
commands during a program suspend.
During a program suspend, deasserting CE# places the device in standby, reducing
active current. VPP must remain at its programming level, and WP# must remain
unchanged while in program suspend. If RST# is asserted, the device is reset.
8.5
Program Resume
The Resume command instructs the device to continue programming, and
automatically clears Status Register bits SR[7,2]. This command can be written to any
address. If error bits are set, the Status Register should be cleared before issuing the
next instruction. RST# must remain deasserted (see Figure 32, “Buffer Program
Flowchart” on page 74).
8.6
Program Protection
When VPP = VIL, absolute hardware write protection is provided for all device blocks. If
VPP is at or below VPPLK, programming operations halt and SR.3 is set indicating a VPP-
level error. Block Lock Registers are not affected by the voltage level on VPP; they may
still be programmed and read, even if VPP is less than VPPLK.
Figure 8: Example VPP Supply Connections
• Factory Programming with
V
PP = VPPH
• Complete write/Erase Protection when
V
PP ≤ VPPLK
VCC
VPP
VCC
VPP
• Low Voltage and Factory Programming
• Low-voltage Programming only
• Logic Control of Device Protection
VCC
VPP
• Low Voltage Programming Only
• Full Device Protection Unavailable
VCC
VPP
≤ 10K Ω
V
PP
V
CC
V
CC
PROT #
V
CC
V
PP=VPPH
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com