Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 22 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 22 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 18Page - Micron Technology JS28F512P30TFA Datasheet HTML 19Page - Micron Technology JS28F512P30TFA Datasheet HTML 20Page - Micron Technology JS28F512P30TFA Datasheet HTML 21Page - Micron Technology JS28F512P30TFA Datasheet HTML 22Page - Micron Technology JS28F512P30TFA Datasheet HTML 23Page - Micron Technology JS28F512P30TFA Datasheet HTML 24Page - Micron Technology JS28F512P30TFA Datasheet HTML 25Page - Micron Technology JS28F512P30TFA Datasheet HTML 26Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
22
Order Number: 208042-0
6
7.0
Read Operation
The device can be in any of four read states: Read Array, Read Identifier, Read Status
or Read Query. Upon power-up or after a reset, the device defaults to Read Array
mode. To change the read state, the appropriate read command must be written to the
device (see Section 6.2, “Device Command Bus Cycles” on page 20). The following
sections describe read-mode operations in detail.
In order to enable synchronous burst reads, the RCR must be configured. Please see
Section 11.2, “Read Configuration Register (RCR) (Easy BGA)” on page 35 for RCR
detail. Please refer to Section 5.2, “Read - Asynchronous Page Mode (Easy BGA)” on
page 16, Section 5.2, “Read - Asynchronous Page Mode (Easy BGA)” on page 16 and
Section 5.3, “Read - Synchronous Mode (Easy BGA)” on page 17 for bus operation
detail. See Section 25, “AC Read Specifications -” on page 51 for timing specification.
7.1
Read Array
Following a device power-up or reset, the device is set to Read Array mode. However,
to perform array reads after any other device operation (e.g. write operation), the Read
Array command must be issued in order to read from the flash memory array. Please
refer to Section 5.2, “Read - Asynchronous Page Mode (Easy BGA)” on page 16, Section
5.2, “Read - Asynchronous Page Mode (Easy BGA)” on page 16 and Section 5.3, “Read
- Synchronous Mode (Easy BGA)” on page 17 for bus operation detail. See Section 25,
“AC Read Specifications -” on page 51 for timing specification.
7.2
Read Device Identifier
The Read Device Identifier command instructs the device to output manufacturer code,
device identifier code, block-lock status, OTP Register data, or configuration register
data (see Section 6.2, “Device Command Bus Cycles” on page 20 for details on issuing
the Read Device Identifier command). Table 8, “Device Identifier Information” on
page 22 and Table 9, “Device ID codes” on page 23 show the address offsets and data
values for this device.
Table 8:
Device Identifier Information (Sheet 1 of 2)
Item
Address(1,2)
Data(x16)
Manufacturer Code
0x00
0x89h
Device ID Code
0x01
ID (See
Table 9)
Block Lock Configuration:
BBA(1) + 0x02
Lock Bit:
• Block Is Unlocked
DQ0 = 0b0
• Block Is Locked
DQ0 = 0b1
• Block Is not Locked-Down
DQ1 = 0b0
• Block Is Locked-Down
DQ1 = 0b1
Read Configuration Register
0x05
RCR Contents
General Purpose Register(3)
DBA(2) + 0x07
GPR data
Lock Register 0
0x80
PR-LK0
64-bit Factory-Programmed OTP Register
0x81–0x84
Numonyx Factory OTP Register data
64-bit User-Programmable OTP Register
0x85–0x88
User OTP Register data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com