Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 38 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 38 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 34Page - Micron Technology JS28F512P30TFA Datasheet HTML 35Page - Micron Technology JS28F512P30TFA Datasheet HTML 36Page - Micron Technology JS28F512P30TFA Datasheet HTML 37Page - Micron Technology JS28F512P30TFA Datasheet HTML 38Page - Micron Technology JS28F512P30TFA Datasheet HTML 39Page - Micron Technology JS28F512P30TFA Datasheet HTML 40Page - Micron Technology JS28F512P30TFA Datasheet HTML 41Page - Micron Technology JS28F512P30TFA Datasheet HTML 42Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
38
Order Number: 208042-0
6
11.2.3
End of Word Line (EOWL) Considerations
The delay may occur when a burst sequence access crosses a 16-word boundary. That
is, A[4:1] of start address does not equal 0x0. Figure 12, “End of Wordline Timing
Diagram” on page 38 illustrates the end of wordline WAIT state(s), which occur after
the first 16-word boundary is reached. The number of data words and the number of
WAIT states is summarized in Table 15, “End of Wordline Data and WAIT state
Comparison” on page 39 for both P30-130nm and P30-65nm devices.
Figure 11: Example Latency Count Setting Using Code 3
CLK
CE#
ADV#
A[MAX:0]
D[15:0]
t
Data
Code 3
Address
Data
01
2
34
R103
High-Z
A[MAX:1]
Figure 12: End of Wordline Timing Diagram
A[Max:1]
AD V#
OE#
WA IT
DQ[15:0]
Data
Data
Data
EOW L
CLK
Latency C ount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com