Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 32 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 32 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 28Page - Micron Technology JS28F512P30TFA Datasheet HTML 29Page - Micron Technology JS28F512P30TFA Datasheet HTML 30Page - Micron Technology JS28F512P30TFA Datasheet HTML 31Page - Micron Technology JS28F512P30TFA Datasheet HTML 32Page - Micron Technology JS28F512P30TFA Datasheet HTML 33Page - Micron Technology JS28F512P30TFA Datasheet HTML 34Page - Micron Technology JS28F512P30TFA Datasheet HTML 35Page - Micron Technology JS28F512P30TFA Datasheet HTML 36Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
P30-65nm
Datasheet
Apr 2010
32
Order Number: 208042-05
Note:
LK: Lock Setup Command, 60h; LK/D0h: Unlock Command; LK/01h: Lock Command; LK/2Fh: Lock-Down Command.
10.1.5
Block Locking During Suspend
Block lock and unlock changes can be performed during an erase suspend. To change
block locking during an erase operation, first issue the Erase Suspend command.
Monitor the Status Register until SR.7 and SR.6 are set, indicating the device is
suspended and ready to accept another command.
Next, write the desired lock command sequence to a block, which changes the lock
state of that block. After completing block lock or unlock operations, resume the erase
operation using the Erase Resume command.
Note:
A Lock Block Setup command followed by any command other than Lock Block, Unlock
Block, or Lock-Down Block produces a command sequence error and set Status
Register bits SR.4 and SR.5. If a command sequence error occurs during an erase
suspend, SR.4 and SR.5 remains set, even after the erase operation is resumed. Unless
the Status Register is cleared using the Clear Status Register command before
resuming the erase operation, possible erase errors may be masked by the command
sequence error.
If a block is locked or locked-down during an erase suspend of the same block, the lock
status bits change immediately. However, the erase operation completes when it is
resumed. Block lock operations cannot occur during a program suspend. See Appendix
A, “Write State Machine” on page 81, which shows valid commands during an erase
suspend.
Figure 9: Block Locking State Diagram
[0 0 0 ]
[0 0 1 ]
[0 1 1 ]
[1 1 1 ]
[1 0 1 ]
[1 1 0 ]
[1 0 0 ]
LK /
D0 h
LK /
01 h
LK /
2Fh
L K /2 F
h
LK /
D0 h
LK /
01 h o r 2 F h
LK /
D0 h
LK /
01 h
LK /
2F h
LK /
2F h
PG M /E R A S E
AL L O W E D
PG M /ER A SE
PR EV EN T ED
WP # = V
IL = 0
WP # = V
IH = 1
Po w e r -U p /
Re s e t De f a u lt
Po w e r - U p /
Re s e t De f a u lt
L o ck ed - d o w n
L o ck ed -d o w n
is d is a b le d b y
WP # = V
IH
V ir t u a l lo c k -
do w n
A n y L o ck
co m m an d s
WP # t o g g le
W
P #
to
g g
le
[0 10]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com