Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 71 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 71 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 67Page - Micron Technology JS28F512P30TFA Datasheet HTML 68Page - Micron Technology JS28F512P30TFA Datasheet HTML 69Page - Micron Technology JS28F512P30TFA Datasheet HTML 70Page - Micron Technology JS28F512P30TFA Datasheet HTML 71Page - Micron Technology JS28F512P30TFA Datasheet HTML 72Page - Micron Technology JS28F512P30TFA Datasheet HTML 73Page - Micron Technology JS28F512P30TFA Datasheet HTML 74Page - Micron Technology JS28F512P30TFA Datasheet HTML 75Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
Datasheet
Sept 2012
71
Order Number:208042-0
6
P30-65nm
Table 42: CFI Link Information (2-Gbit)
Length
Description
(Optional Flash features and commands
Add.
Value
4
CFI Link Field bit definitions
See
Table 41,
“Partition
and Erase
Block
Region
Information
” on
page 70.
Bits 0:9 = Address offset (within 32Mbit segment) of referenced CFI table
144:
Bits 10:27 = nth 32Mbit segment of referenced CFI table
145:
Bits 28:30 = Memory Type
146:
Bit 31 = Another CFI Link field immediately follows
147:
1
CFI Link Field Quantity Subfield definitions
148:
Bits 3:0 = Quantity field (n such that n+1 equals quantity)
Bit 4 = Table & die relative location
Bit 5 = Link Field & Table relative location
Bits 6:7 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com