Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 12 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 12 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 8Page - Micron Technology JS28F512P30TFA Datasheet HTML 9Page - Micron Technology JS28F512P30TFA Datasheet HTML 10Page - Micron Technology JS28F512P30TFA Datasheet HTML 11Page - Micron Technology JS28F512P30TFA Datasheet HTML 12Page - Micron Technology JS28F512P30TFA Datasheet HTML 13Page - Micron Technology JS28F512P30TFA Datasheet HTML 14Page - Micron Technology JS28F512P30TFA Datasheet HTML 15Page - Micron Technology JS28F512P30TFA Datasheet HTML 16Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
12
Order Number: 208042-0
6
3.0
Pinouts and Ballouts
Notes:
1.
A1 is the least significant address bit.
2.
ADV# must be tied to Vss or driven to low throughout the asynchronous read mode.
3.
A25 is valid for 512-Mbit densities and above; otherwise, it is a no connect (NC).
4.
A26 is valid for 1-Gbit density; otherwise, it is a no connect (NC).
5.
One dimple on package denotes Pin 1 which will always be in the upper left corner of the package, in reference to the
product mark.
Figure 5: 56-Lead TSOP Pinout (512-Mbit and 1-Gbit Densities)
Flash Memory
56-Lead TSOP Pinout
14 mm x 20 mm
Top View
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
A14
A13
A12
A10
A9
A11
A23
A21
VSS
A22
RFU
WP#
A20
WE#
A19
A8
A7
A18
A6
A4
A3
A5
A2
A25
A26
A24
WAIT
DQ15
DQ7
A17
DQ14
DQ13
DQ5
DQ6
DQ12
ADV#
CLK
DQ4
RST#
A16
DQ3
VPP
DQ10
VCCQ
DQ9
DQ2
DQ1
DQ0
VCC
DQ8
OE#
CE#
A1
VSS
A15
DQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com