Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 60 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 60 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 56Page - Micron Technology JS28F512P30TFA Datasheet HTML 57Page - Micron Technology JS28F512P30TFA Datasheet HTML 58Page - Micron Technology JS28F512P30TFA Datasheet HTML 59Page - Micron Technology JS28F512P30TFA Datasheet HTML 60Page - Micron Technology JS28F512P30TFA Datasheet HTML 61Page - Micron Technology JS28F512P30TFA Datasheet HTML 62Page - Micron Technology JS28F512P30TFA Datasheet HTML 63Page - Micron Technology JS28F512P30TFA Datasheet HTML 64Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
60
Order Number: 208042-0
6
16.0
Ordering Information
Note: The last digit is randomly assigned to cover packing media and/or features or other specific configuration.
Notes:
1.
For the leaded package option, please contact your Numonyx local sales representative for detail.
Figure 29: Decoder for P30-65nm Products
Table 28: Valid Combinations for P30 Products
512-Mbit
1-Gbit
2-Gbit
PC28F512P30BF*
PC28F00AP30BF*
PC28F00BP30EF*
PC28F512P30TF*
PC28F00AP30TF*
-
PC28F512P30EF*
PC28F00AP30EF*
-
JS28F512P30BF*
JS28F00AP30EF*
-
JS28F512P30TF*
JS28F00AP30BF*
-
JS28F512P30EF*
JS28F00AP30BF*
-
-
RC28F00AP30TF*
-
-
RC28F00AP30BF*
-
F 5 1
P 3 0
8
S 2
J
2
Product Line Designator
28F = Numonyx® Flash Memory
Package Designator
JS = 56- Lead TSOP , lead-free
PC =64- Ball Easy BGA, lead- free
Device Density
Product Family
P 30 = Numonyx® AxcellTM P30 Flash Memory
VCC =1. 7 – 2. 0 V
VCCQ = 1.7 -3.6V
Device Lithography
65nm
E
512 = 512-Mbit
00A = 1 -Gbit
Parameter Location
E = Symmetrical blocks
T= Top Parameter
B= Bottom Parameter
F *
Device Features*
RC = 64- Ball Easy BGA, leaded
00B= 2-Gbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com