Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 41 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 41 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 37Page - Micron Technology JS28F512P30TFA Datasheet HTML 38Page - Micron Technology JS28F512P30TFA Datasheet HTML 39Page - Micron Technology JS28F512P30TFA Datasheet HTML 40Page - Micron Technology JS28F512P30TFA Datasheet HTML 41Page - Micron Technology JS28F512P30TFA Datasheet HTML 42Page - Micron Technology JS28F512P30TFA Datasheet HTML 43Page - Micron Technology JS28F512P30TFA Datasheet HTML 44Page - Micron Technology JS28F512P30TFA Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
Datasheet
Sept 2012
41
Order Number:208042-0
6
P30-65nm
11.2.9
Burst Length (RCR[2:0])
The Burst Length bits (BL[2:0]) select the linear burst length for all synchronous burst
reads of the flash memory array. The burst lengths are 4-word, 8-word, 16-word or
continuous word.
Continuous burst accesses are linear only, and do not wrap within any word length
boundaries (see Table 17, “Burst Sequence Word Ordering” on page 40). When a burst
cycle begins, the device outputs synchronous burst data until it reaches the end of the
“burstable” address space.
11.3
One-Time Programmable (OTP) Registers
The device contains 17 OTP Registers that can be used to implement system security
measures and/or device identification. Each OTP Register can be individually locked.
The first 128-bit OTP Register is comprised of two 64-bit (8-word) segments. The lower
64-bit segment is pre-programmed at the Numonyx factory with a unique 64-bit
number. The upper 64-bit segment, as well as the other sixteen 128-bit OTP Registers,
are blank. Users can program these registers as needed. Once programmed, users can
then lock the OTP Register(s) to prevent additional bit programming (see Figure 13,
“OTP Register Map” on page 42).
Each OTP Register has an associated Lock Register bit. When a Lock Register bit is
programmed, the associated OTP Register can only be read; it can no longer be
programmed. Each OTP Register can be accessed multiple times to program individual
bits, as long as the register remains unlocked. Additionally, because the Lock Register
bits themselves are OTP, when programmed, Lock Register bits cannot be erased.
Therefore, when a OTP Register is locked, it cannot be unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com