Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 82 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 82 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 78Page - Micron Technology JS28F512P30TFA Datasheet HTML 79Page - Micron Technology JS28F512P30TFA Datasheet HTML 80Page - Micron Technology JS28F512P30TFA Datasheet HTML 81Page - Micron Technology JS28F512P30TFA Datasheet HTML 82Page - Micron Technology JS28F512P30TFA Datasheet HTML 83Page - Micron Technology JS28F512P30TFA Datasheet HTML 84Page - Micron Technology JS28F512P30TFA Datasheet HTML 85Page - Micron Technology JS28F512P30TFA Datasheet HTML 86Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
82
Order Number: 208042-0
6
Buffer
Pgm
(BP)
Setup
BP Load 1
N/A
BP Load 1 (8)
BP Load 2 if word count >0, else BP confirm
BP Load 2 (8)
BP Confirm if data load in program buffer is complete, ELSE BP load 2
Ready
(Error
[Botc
h])
BP Confirm if data
load in program
buffer is
complete, else BP
load 2
BP Confirm
Ready (Error [Botch])
BP
Busy
Ready (Error [Botch])
BP Busy
BP
Busy
IS in
BP
Busy
BP Busy
Illegal State
in BP Busy
BP
Busy
BP
Susp
BP Busy
IS in BP Busy
BP Busy
BP Busy
Ready
IS in BP Busy
BP Busy
BP Susp
BP
Susp
IS in
BP
Susp
BP Suspend Illegal State
in BP Busy
BP
Busy BP Suspend
BP
Susp
(Er
bits
clear)
BP
Susp
IS in BP Susp
BP Suspend
N/A
BP Susp
N/A
IS in BP Susp
BP Suspend
Erase
Setup
Ready (Error [Botch])
Erase
Busy
Ready (Error [Botch])
N/A
Ready (Err
Botch0])
N/A
Busy
Erase
Busy
IS in
Erase
Busy
Erase Busy
IS in Erase
Busy
Erase
Busy
Erase
Susp
Erase Busy
IS in Erase Busy
Erase Busy
N/A
Ers Busy
IS in Erase Busy
Erase Busy
Ready
Suspend
Erase
Susp
Word
Pgm
Setup
in
Erase
Susp
BP
Setup
in
Erase
Susp
EFI
Setup
in
Erase
Susp
IS in Erase
Suspend
Erase
Busy
Erase
Suspend
Erase
Susp
(Er
bits
clear)
Erase
Susp
Lock/
RCR/
ECR
Setup
in
Erase
Susp
Erase
Susp
IS in
Erase
Susp
Erase Suspend
N/A
Erase Susp
N/A
IS in Erase Susp
Erase Suspend
Word
Pgm in
Erase
Suspend
Setup
Word Pgm busy in Erase Suspend
N/A
Word Pgm Busy in
Ers Suspend
N/A
Busy
Word
Pgm
busy
in
Erase
Susp
IS in
Pgm
busy
in Ers
Susp
Word Pgm
busy in
Erase Susp
IS in Word
Pgm busy in
Ers Susp
Word
Pgm
busy
in
Erase
Susp
Word
Pgm
Susp
in Ers
Susp
Word Pgm busy in
Erase Susp
IS in Word Pgm
busy in Ers Susp
Word Pgm busy in
Erase Susp
Erase
Susp
Illegal state(IS)
in Pgm busy in
Erase Suspend
Word Pgm busy in Erase Suspend
IS in
Ers
Susp
Suspend
Word
Pgm
susp
in Ers
susp
iS in
pgm
susp
in Ers
Susp
Word Pgm
susp in Ers
susp
iS in pgm
susp in Ers
Susp
Word
Pgm
busy
in
Erase
Susp
Word
Pgm
susp
in Ers
susp
Word
Pgm
susp
in Ers
susp
Word
Pgm
Susp
in Ers
Susp
(Er
bits
clear)
Word
Pgm
susp
in Ers
susp
iS in Word Pgm
susp in Ers Susp
Word Pgm susp in
Ers susp
N/A
N/A
Illegal State in
Word Program
Suspend in Erase
Suspend
Word Pgm busy in Erase Suspend
BP in
Erase
Suspend
Setup
BP Load 1 in Erase Suspend
N/A
BP Load 1 (8)
BP Load 2 in Erase Suspend if word count >0, else BP confirm
BP Load 2 (8)
BP Confirming Erase Suspend if data load in program buffer is complete, ELSE BP load 2 in Erase Suspend
Ers
Susp
(Error
[Botc
h])
BP Confirm in
Erase Suspend
when count=0,
ELSE BP load 2
BP Confirm
Erase Suspend (Error [BotchBP])
BP
Busy
in Ers
Susp
Erase Susp (Error [Botch BP])
BP Busy
BP
Busy
in Ers
Susp
IS in
BP
Busy
in Ers
Susp
BP Busy in
Erase Susp
Illegal State
in BP Busy in
Ers Susp
BP
Susp
in Ers
Susp
BP Busy in Ers Susp
IS in BP Busy in
Erase Suspend
BP Busy in Ers Susp N/A
BP Busy in Ers
Susp
Erase
Susp
IS in BP Busy
BP Busy in Erase Suspend
IS in
Ers
Susp
BP Susp
BP
Susp
in Ers
Susp
IS in
BP
Susp
in Ers
Susp
BP Suspend
in Erase
Suspend
Illegal State
in BP Busy in
Ers Susp
BP
Busy
in Ers
Susp
BP Susp in
Ers Susp
BP
Susp
in Ers
Susp
(Er
bits
clear)
BP
Susp
in Ers
Susp
IS in BP Busy in
Erase Suspend
BP Susp in Ers Susp N/A
BP Susp in Ers
Susp
N/A
IS in BP Suspend
BP Suspend in Erase Suspend
Table 43: Next State Table for P3x-65nm (Sheet 2 of 3)
Command Input and Resulting Chip Next State(1)
Current Chip State
(FFh) (40h) (E8h) (EBh) (20h) (80h) (D0h) (B0) (70h) (50h) (90h,
98h) (60h) (BCh) (C0h) (01h) (2Fh)
(03h,
04h)
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com