Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 54 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 54 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 50Page - Micron Technology JS28F512P30TFA Datasheet HTML 51Page - Micron Technology JS28F512P30TFA Datasheet HTML 52Page - Micron Technology JS28F512P30TFA Datasheet HTML 53Page - Micron Technology JS28F512P30TFA Datasheet HTML 54Page - Micron Technology JS28F512P30TFA Datasheet HTML 55Page - Micron Technology JS28F512P30TFA Datasheet HTML 56Page - Micron Technology JS28F512P30TFA Datasheet HTML 57Page - Micron Technology JS28F512P30TFA Datasheet HTML 58Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
54
Order Number: 208042-0
6
.
Notes:
1.
WAIT is driven per OE# assertion during synchronous array or non-array read, and can be configured to assert either
during or one data cycle before valid data.
2.
This diagram illustrates the case in which an n-word burst is initiated to the flash memory array and it is terminated by
CE# deassertion after the first word in the burst.
Notes:
1.
WAIT is driven per OE# assertion during synchronous array or non-array read, and can be configured to assert either
during or one data cycle before valid data.
2.
At the end of Word Line; the delay incurred when a burst access crosses a 16-word boundary and the starting address is
not 4-word boundary aligned. See
Section 11.2.3, “End of Word Line (EOWL) Considerations” on
page 38 for more information.
Figure 21: Synchronous Single-Word Array or Non-array Read Timing for Easy BGA
Figure 22: Continuous Burst Read, showing an Output Delay Timing for Easy BGA
R312
R305
R304
R4
R17
R307
R15
R9
R7
R8
R303
R102
R3
R104
R106
R101
R104
R105
R105
R2
R306
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]
R305
R305
R305
R305
R304
R4
R7
R312
R307
R15
R303
R102
R3
R106
R105
R105
R101
R2
R304
R304
R304
R306
R302
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com