Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 21 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 21 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 17Page - Micron Technology JS28F512P30TFA Datasheet HTML 18Page - Micron Technology JS28F512P30TFA Datasheet HTML 19Page - Micron Technology JS28F512P30TFA Datasheet HTML 20Page - Micron Technology JS28F512P30TFA Datasheet HTML 21Page - Micron Technology JS28F512P30TFA Datasheet HTML 22Page - Micron Technology JS28F512P30TFA Datasheet HTML 23Page - Micron Technology JS28F512P30TFA Datasheet HTML 24Page - Micron Technology JS28F512P30TFA Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Datasheet
Sept 2012
21
Order Number: 208042-0
6
P30-65nm
Table 7:
Command Bus Cycles
Mode
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data(2)
Oper
Addr(1)
Data(2)
Read
Read Array
1
Write
DnA
0xFF
-
-
-
Read Device Identifier
≥ 2
Write
DnA
0x90
Read
DBA + IA
ID
Read CFI
≥ 2Write
DnA
0x98
Read
DBA + CFI-A
CFI-D
Read Status Register
2
Write
DnA
0x70
Read
DnA
SRD
Clear Status Register
1
Write
DnA
0x50
-
-
-
Program
Word Program
2
Write
WA
0x40
Write
WA
WD
Buffered Program(3)
> 2
Write
WA
0xE8
Write
WA
N - 1
Buffered Enhanced
Factory Program
(BEFP)(4)
> 2
Write
WA
0x80
Write
WA
0xD0
Erase
Block Erase
2
Write
BA
0x20
Write
BA
0xD0
Suspend
Program/Erase
Suspend
1Write
DnA
0xB0
-
-
-
Program/Erase
Resume
1Write
DnA
0xD0
-
-
-
Protection
Block Lock
2
Write
BA
0x60
Write
BA
0x01
Block Unlock
2
Write
BA
0x60
Write
BA
0xD0
Block Lock-down
2
Write
BA
0x60
Write
BA
0x2F
Program OTP Register
2
Write
OTP-RA
0xC0
Write
OTP-RA
OTP-D
Program Lock Register
2
Write
LRA
0xC0
Write
LRA
LRD
Configuration
Configure Read
Configuration Register
2
Write
RCD
0x60
Write
RCD
0x03
Blank Check
Block Blank Check
2
Write
BA
0xBC
Write
BA
D0
EFI
Extended Function
Interface(5)
>2
Write
WA
0xEB
Write
WA
Sub-Op
code
Notes:
1.
First command cycle address should be the same as the operation’s target address.
DBA = Device Base Address.
DnA = Address within the device.
IA = Identification code address offset.
CFI-A = Read CFI address offset.
WA = Word address of memory location to be written.
BA = Address within the block.
OTP-RA = OTP Register address.
LRA = Lock Register address.
RCD = Read Configuration Register data on A[16:1].
2.
ID = Identifier data.
CFI-D = CFI data on DQ[15:0].
SRD = Status Register data.
WD = Word data.
N = Word count of data to be loaded into the write buffer.
OTP-D = OTP Register data.
LRD = Lock Register data.
3.
The second cycle of the Buffered Program Command is the word count of the data to be loaded into the write buffer. This
is followed by up to 512 words of data. Then the confirm command (0xD0) is issued, triggering the array programming
operation.
4.
The confirm command (0xD0) is followed by the buffer data.
5.
The second cycle is a Sub-Op-Code, the data written on third cycle is N-1; 1 ≤ N ≤ 512. The subsequent cycles load data
words into the program buffer at a specified address until word count is achieved. After the data words are loaded, the
final cycle is the confirm cycle 0xD0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com