Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 65 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 65 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 61Page - Micron Technology JS28F512P30TFA Datasheet HTML 62Page - Micron Technology JS28F512P30TFA Datasheet HTML 63Page - Micron Technology JS28F512P30TFA Datasheet HTML 64Page - Micron Technology JS28F512P30TFA Datasheet HTML 65Page - Micron Technology JS28F512P30TFA Datasheet HTML 66Page - Micron Technology JS28F512P30TFA Datasheet HTML 67Page - Micron Technology JS28F512P30TFA Datasheet HTML 68Page - Micron Technology JS28F512P30TFA Datasheet HTML 69Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 86 page
background image
Datasheet
Sept 2012
65
Order Number:208042-0
6
P30-65nm
A.1.5
Numonyx-Specific Extended Query Table
Table 35: Primary Vendor-Specific Extended Query
Offset
P=10Ah
Length
Description
(Optional flash features and commands)
Add.
Hex
Code
Value
(P+0)h
3
Primary extended query table
Unique ASCII string “PRI”
10A:
--50
“P”
(P+1)h
10B:
--52
“R”
(P+2)h
10C:
--49
“I”
(P+3)h
1
Major version number, ASCII
10D:
--31
“1”
(P+4)h
1
Minor version number, ASCII
10E:
--34
“5”
(P+5)h
4
Optional feature and command support (1=yes, 0=no)
10F:
--E6
-
(P+6)h
bits 10-31 are reserved; undefined bits are “0”. If bit 31
110:
--01
-
(P+7)h
“1”then another 31 bit field of Optional features follows at
111:
--00
-
(P+8)h
the end of the bit-30 field.
-
-
512-Mbit, 1-Gbit:
112:
--00
-
2-Gbit Bottom Die:
112:
--40
-
2-Gbit Top Die:
112:
--00
-
bit 0 Chip erase supported
bit 0 = 0
No
bit 1 Suspend erase supported
bit 1 = 1
Yes
bit 2 Suspend program supported
bit 2 = 1
Yes
bit 3 Legacy lock/unlock supported
bit 3 = 0
No
bit 4 Queued erase supported
bit 4 = 0
No
bit 5 Instant individual block locking supported
bit 5 = 1
Yes
bit 6 Protection bits supported
bit 6 = 1
Yes
bit 7 Page mode read supported (Note: Only Available for Easy BGA)
bit 7 = 1
Yes
bit 8 Synchronous read supported (Note: Only Available for Easy BGA)
bit 8 = 1
Yes
bit 9 Simultaneous operations supported
bit 9 = 0
No
bit 10 Extended Flash Array Blocks supported
bit 10 = 0
No
bit 11 Permanent Block Locking of up to Full Main Array supported
bit 11 = 0
Yes
bit 12 Permanent Block Locking of up to Partial Main Array supported
bit 12 = 0
No
bit 30 CFI Link(s) to follow
-
-
512-Mbit, 1-Gbit:
bit 30 = 0
No
2-Gbit Bottom Die:
bit 30 = 1
Yes
2-Gbit Top Die:
bit 30 = 0
No
bit 31 Another "Optional Features" field to follow
bit 31 = 0
No
(P+9)h
1
Supported functions after suspend: read Array, Status, Query
Other supported operations are:
bits 1-7 reserved; undefined bits are “0”
113:
--01
-
bit 0 Program supported after erase suspend
bit 0 = 1
Yes
(P+A)h
2
Block Status Register mask
114:
--03
-
(P+B)h
bits 2-15 are Reserved; undefined bits are “0”
115:
--00
-
bit 0 Block Lock-Bit Status Register active
bit 0 = 1
Yes
bit 1 Block Lock-Down Bit Status active
bit 1 = 1
Yes
bit 4 EFA Block Lock-Bit Status Register active
bit 4 = 0
No
bit 5 EFA Block Lock-Down Bit Status active
bit 5 = 0
No
(P+C)h
1
VCC logic supply highest performance program/erase voltage
bits 0-3 BCD value in 100 mV
bits 4-7 BCD value in volts
116:
--18
1.8V
(P+D)h
1
VPP optimum program/erase supply voltage
bits 0-3 BCD value in 100 mV
bits 4-7 HEX value in volts
117:
--90
9.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com