Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 35 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 35 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 31Page - Micron Technology JS28F512P30TFA Datasheet HTML 32Page - Micron Technology JS28F512P30TFA Datasheet HTML 33Page - Micron Technology JS28F512P30TFA Datasheet HTML 34Page - Micron Technology JS28F512P30TFA Datasheet HTML 35Page - Micron Technology JS28F512P30TFA Datasheet HTML 36Page - Micron Technology JS28F512P30TFA Datasheet HTML 37Page - Micron Technology JS28F512P30TFA Datasheet HTML 38Page - Micron Technology JS28F512P30TFA Datasheet HTML 39Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Datasheet
Sept 2012
35
Order Number:208042-0
6
P30-65nm
11.2
Read Configuration Register (RCR) (Easy BGA)
The RCR is a 16-bit read/write register used to select bus-read mode (synchronous or
asynchronous), and to configure synchronous burst read characteristics of the device.
To modify RCR settings, use the Configure Read Configuration Register command (see
Section 6.2, “Device Command Bus Cycles” on page 20).
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 7.2, “Read Device Identifier” on page 22).
Upon power-up or exit from reset, the RCR defaults to asynchronous mode.
The RCR is shown in Table 13. The following sections describe each RCR bit function.
Table 13: Read Configuration Register Description (Sheet 1 of 2)
Read Configuration Register (RCR)
Read
Mode
Latency Count
WAIT
Polarity
RES
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
LC[3:0]
WP
R
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14:11
Latency Count (LC[3:0])
0011 =Code 3
0100 =Code 4
0101 =Code 5
0110 =Code 6
0111 =Code 7
1000 =Code 8
1001 =Code 9
1010 =Code 10
1011 =Code 11
1100 =Code 12
1101 =Code 13
1110 =Code 14
1111 =Code 15 (default)
(Other bit settings are reserved)
10
WAIT Polarity (WP)
0 =WAIT signal is active low (default)
1 =WAIT signal is active high
9
Reserved (R)
Default “0”, Non-changeable
8
WAIT Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
Default “0”, Non-changeable
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)
5:4
Reserved (R)
Reserved bits should be cleared (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com