Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 10 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 10 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 6Page - Micron Technology JS28F512P30TFA Datasheet HTML 7Page - Micron Technology JS28F512P30TFA Datasheet HTML 8Page - Micron Technology JS28F512P30TFA Datasheet HTML 9Page - Micron Technology JS28F512P30TFA Datasheet HTML 10Page - Micron Technology JS28F512P30TFA Datasheet HTML 11Page - Micron Technology JS28F512P30TFA Datasheet HTML 12Page - Micron Technology JS28F512P30TFA Datasheet HTML 13Page - Micron Technology JS28F512P30TFA Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
10
Order Number: 208042-0
6
2.2
64-Ball Easy BGA Package (512-Mbit, 1-Gbit, 2-Gbit)
Lead Count
N
-
56
-
-
56
-
Lead Tip Angle
θ
0°
3°
5°
0°
3°
5°
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
Notes:
1.
One dimple on package denotes Pin 1.
2.
If two dimples, then the larger dimple denotes Pin 1.
3.
Pin 1 will always be in the upper left corner of the package, in reference to the product mark.
Figure 4: Easy BGA Mechanical Specifications (8x10x1.2 mm)
Table 2:
TSOP Package Dimensions (Sheet 2 of 2)
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
E
Seating
Plane
S1
S2
e
Top View - Ball side down
Bottom View - Ball Side Up
Y
A
A1
D
Ball A1
Corner
A2
Note: Drawing not to scale
A
B
C
D
E
F
G
H
87
6
54
3
2
1
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
b
Ball A1
Corner
Table 3:
Easy BGA Package Dimensions for 8x10x1.2 mm (Sheet 1 of 2)
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.200
-
-
0.0472
Ball Height
A1
0.250
-
-
0.0098
-
-
Package Body Thickness
A2
-
0.780
-
-
0.0307
-
Ball (Lead) Width
b
0.330
0.430
0.530
0.0130
0.0169
0.0209
Package Body Width
D
9.900
10.000
10.100
0.3898
0.3937
0.3976



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com