Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 70 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 70 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 66Page - Micron Technology JS28F512P30TFA Datasheet HTML 67Page - Micron Technology JS28F512P30TFA Datasheet HTML 68Page - Micron Technology JS28F512P30TFA Datasheet HTML 69Page - Micron Technology JS28F512P30TFA Datasheet HTML 70Page - Micron Technology JS28F512P30TFA Datasheet HTML 71Page - Micron Technology JS28F512P30TFA Datasheet HTML 72Page - Micron Technology JS28F512P30TFA Datasheet HTML 73Page - Micron Technology JS28F512P30TFA Datasheet HTML 74Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
70
Order Number: 208042-0
6
Note:
The Value of Address 13Dh is only valid for Easy BGA package device.
Table 41: Partition and Erase Block Region Information
Address
512-Mbit
1-Gbit
2-Gbit
Top
Bottom
Symm.
Top
Bottom
Symm.
Symm.
Upper Die
Symm.
Lower Die
12D:
--01
--01
--01
--01
--01
--01
--01
--01
12E:
--24
--24
--14
--24
--24
--14
--14
--14
12F:
--00
--00
--00
--00
--00
--00
--00
--00
130:
--01
--01
--01
--01
--01
--01
--01
--01
131:
--00
--00
--00
--00
--00
--00
--00
--00
132:
--11
--11
--11
--11
--11
--11
--11
--11
133:
--00
--00
--00
--00
--00
--00
--00
--00
134:
--00
--00
--00
--00
--00
--00
--00
--00
135:
--02
--02
--01
--02
--02
--01
--01
--01
136:
--FE
--03
--FF
--FE
--03
--FF
--FF
--FF
137:
--01
--00
--01
--03
--00
--03
--03
--03
138:
--00
--80
--00
--00
--80
--00
--00
--00
139:
--02
--00
--02
--02
--00
--02
--02
--02
13A:
--64
--64
--64
--64
--64
--64
--64
--64
13B:
--00
--00
--00
--00
--00
--00
--00
--00
13C:
--02
--02
--02
--02
--02
--02
--02
--02
13D:
--03
--03
--03
--03
--03
--03
--03
--03
13E:
--00
--00
--00
--00
--00
--00
--00
--00
13F:
--80
--80
--80
--80
--80
--80
--80
--80
140:
--00
--00
--00
--00
--00
--00
--00
--00
141:
--00
--00
--00
--00
--00
--00
--00
--00
142:
--00
--00
--00
--00
--00
--00
--00
--00
143:
--80
--80
--80
--80
--80
--80
--80
--80
144:
--03
--FE
--FF
--03
--FE
--FF
--FF
--10
145:
--00
--01
--FF
--00
--03
--FF
--FF
--C8
146:
--80
--00
--FF
--80
--00
--FF
--FF
--00
147:
--00
--02
--FF
--00
--02
--FF
--FF
--00
148:
--64
--64
--FF
--64
--64
--FF
--FF
--10
149:
--00
--00
--FF
--00
--00
--FF
--FF
--FF
14A:
--02
--02
--FF
--02
--02
--FF
--FF
--FF
14B:
--03
--03
--FF
--03
--03
--FF
--FF
--FF
14C:
--00
--00
--FF
--00
--00
--FF
--FF
--FF
14D:
--80
--80
--FF
--80
--80
--FF
--FF
--FF
14E:
--00
--00
--FF
--00
--00
--FF
--FF
--FF
14F:
--00
--00
--FF
--00
--00
--FF
--FF
--FF
150:
--00
--00
--FF
--00
--00
--FF
--FF
--FF
151:
--80
--80
--FF
--80
--80
--FF
--FF
--FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com