Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 55 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 55 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 51Page - Micron Technology JS28F512P30TFA Datasheet HTML 52Page - Micron Technology JS28F512P30TFA Datasheet HTML 53Page - Micron Technology JS28F512P30TFA Datasheet HTML 54Page - Micron Technology JS28F512P30TFA Datasheet HTML 55Page - Micron Technology JS28F512P30TFA Datasheet HTML 56Page - Micron Technology JS28F512P30TFA Datasheet HTML 57Page - Micron Technology JS28F512P30TFA Datasheet HTML 58Page - Micron Technology JS28F512P30TFA Datasheet HTML 59Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Datasheet
Sept 2012
55
Order Number:208042-0
6
P30-65nm
Note:
WAIT is driven per OE# assertion during synchronous array or non-array read. WAIT asserted during initial latency and
deasserted during valid data (RCR.10=0, WAIT asserted low).
15.4
AC Write Specifications
Figure 23: Synchronous Burst-Mode Four-Word Read Timing for Easy BGA
Table 26: AC Write Specifications (Sheet 1 of 2)
Num
Symbol
Parameter
Min
Max
Unit
Notes
W1
tPHWL
RST# high recovery to WE# low
150
-
ns
1,2,3
W2
tELWL
CE# setup to WE# low
0
-
ns
1,2,3
W3
tWLWH
WE# write pulse width low
50
-
ns
1,2,4
W4
tDVWH
Data setup to WE# high
50
-
ns
1,2,13
W5
tAVWH
Address setup to WE# high
50
-
ns
1,2
W6
tWHEH
CE# hold from WE# high
0
-
ns
W7
tWHDX
Data hold from WE# high
0
-
ns
W8
tWHAX
Address hold from WE# high
0
-
ns
W9
tWHWL
WE# pulse width high
20
-
ns
1,2,5
W10
tVPWH
VPP setup to WE# high
200
-
ns
1,2,3,7
W11
tQVVL
VPP hold from Status read
0
-
ns
W12
tQVBL
WP# hold from Status read
0
-
ns
1,2,3,7
W13
tBHWH
WP# setup to WE# high
200
-
ns
W14
tWHGL
WE# high to OE# low
0
-
ns
1,2,9
W16
tWHQV
WE# high to Output valid
tAVQV + 35
-
ns
1,2,3,6,10
Write to Asynchronous Read Specifications
W18
tWHAV
WE# high to Address valid
0
-
ns
1,2,3,6,8
y
A
Q0
Q1
Q2
Q3
R307
R10
R304
R305
R304
R4
R7
R17
R15
R9
R8
R303
R3
R106
R102
R105
R105
R101
R2
R306
R302
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com