Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F512P30TFA Datasheet(PDF) 56 Page - Micron Technology

Part # JS28F512P30TFA
Description  Numonyx Axcell P30-65nm Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F512P30TFA Datasheet(HTML) 56 Page - Micron Technology

Back Button JS28F512P30TFA Datasheet HTML 52Page - Micron Technology JS28F512P30TFA Datasheet HTML 53Page - Micron Technology JS28F512P30TFA Datasheet HTML 54Page - Micron Technology JS28F512P30TFA Datasheet HTML 55Page - Micron Technology JS28F512P30TFA Datasheet HTML 56Page - Micron Technology JS28F512P30TFA Datasheet HTML 57Page - Micron Technology JS28F512P30TFA Datasheet HTML 58Page - Micron Technology JS28F512P30TFA Datasheet HTML 59Page - Micron Technology JS28F512P30TFA Datasheet HTML 60Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
P30-65nm
Datasheet
Sept 2012
56
Order Number: 208042-0
6
Write to Synchronous Read Specifications
W19
tWHCH/L
WE# high to Clock valid
19
-
ns
1,2,3,6,10
W20
tWHVH
WE# high to ADV# high
19
-
ns
1,2,3,6,10,12
W28
tWHVL
WE# high to ADV# low
7
-
ns
Write Specifications with Clock Active
W21
tVHWL
ADV# high to WE# low
-
20
ns
1,2,3,11,12
W22
tCHWL
Clock high to WE# low
-
20
ns
1,2,3,11
Notes:
1.
Write timing characteristics during erase suspend are the same as write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to CE# or WE# high
(whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever occurs first) to CE# or WE# low
(whichever occurs last). Hence, tWHWL = tEHEL = tWHEL = tEHWL).
6.
tWHVH or tWHCH/L must be met when transiting from a write cycle to a synchronous burst read.
7.
VPP and WP# should be at a valid level until erase or program success is determined.
8.
This specification is only applicable when transiting from a write cycle to an asynchronous read. See spec W19 and W20
for synchronous read.
9.
When doing a Read Status operation following any command that alters the Status Register, W14 is 20ns.
10.
Add 10ns if the write operations results in a RCR or block lock status change, for the subsequent read operation to
reflect this change.
11.
These specs are required only when the device is in a synchronous mode and clock is active during address setup
phase.
12.
These specs are required only when ADV# is used to latch address.
13.
This specification must be complied with by customer’s writing timing. The result would be unpredictable if any violation
to this timing specification.
Figure 24: Write-to-Write Timing
Table 26: AC Write Specifications (Sheet 2 of 2)
Num
Symbol
Parameter
Min
Max
Unit
Notes
W1
W7
W4
W7
W4
W3
W9
W3
W9
W3
W3
W6
W2
W6
W2
W8
W8
W5
W5
Address[A]
CE# [E]
WE# [W]
OE# [G]
Data [D/Q]
RST# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com