Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 16 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 16 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 12Page - International Rectifier PCMB065T-R68MS Datasheet HTML 13Page - International Rectifier PCMB065T-R68MS Datasheet HTML 14Page - International Rectifier PCMB065T-R68MS Datasheet HTML 15Page - International Rectifier PCMB065T-R68MS Datasheet HTML 16Page - International Rectifier PCMB065T-R68MS Datasheet HTML 17Page - International Rectifier PCMB065T-R68MS Datasheet HTML 18Page - International Rectifier PCMB065T-R68MS Datasheet HTML 19Page - International Rectifier PCMB065T-R68MS Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
- 16 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
16
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
TYPICAL OPERATING CHARACTERISTICS (-40°C to +125°C)
Internal LDO in regulation
Internal LDO in dropout mode
With an External 5V Vcc Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com