Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 31 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 31 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier PCMB065T-R68MS Datasheet HTML 31Page - International Rectifier PCMB065T-R68MS Datasheet HTML 32Page - International Rectifier PCMB065T-R68MS Datasheet HTML 33Page - International Rectifier PCMB065T-R68MS Datasheet HTML 34Page - International Rectifier PCMB065T-R68MS Datasheet HTML 35Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
- 31 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
31
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
For a general solution for unconditional stability for any
type of output capacitors, and a wide range of ESR
values, a type III compensation network can be used, as
shown in Fig. 27.
VOUT
VREF
R6
R5
R4
C4
C2
C3
R3
Ve
FZ
1
FZ
2
FP
2
FP
3
E
/ A
Zf
ZIN
Frequency
Gain (dB)
|H(s)| dB
Fb
Comp
Figure 27: Type III Compensation network
and its asymptotic gain plot
Again, the transfer function is given by:
IN
f
out
e
Z
Z
s
H
V
V
)
(
By replacing Zin and Zf, according to Fig. 27, the transfer
function can be expressed as:
3
3
4
4
5
23
5
2
3
3
4
4
23
(1
) 1
*
( )
(
) 1
(1
)
(27)
sR C
sC
R
R
CC
Hs
sR C
C
sR
sR C
CC









The compensation network has three poles and two
zeros and they are expressed as follows:
1
2
44
3
32
23
3
23
0
(28)
1
(29)
2 *
*
11
(30)
2 *
*
*
2*
P
P
P
F
F
RC
F
RC
CC
R
CC
 





1
33
2
4
4
5
4
5
1
(31)
2 *
*
11
(32)
2 *
*(
)
2 *
*
Z
Z
F
RC
F
C
R
R
C
R



Crossover frequency is expressed as:
34
1
*
*
*
(33)
2 *
*
in
o
osc
o
o
V
F
R
C
V
L
C
Based on the frequency of the zero generated by the output
capacitor and its ESR, relative to crossover frequency, the
compensation type can be different. Table 3 shows the
compensation types for relative locations of the crossover
frequency.
TABLE 3: DIFFERENT TYPES OF COMPENSATORS
Compensator
Type
FESR vs FO
Typical Output
Capacitor
Type II
FLC < FESR < FO < FS/2
Electrolytic
Type III
FLC < FO < FESR
SP Cap, Ceramic
The higher the crossover frequency is, the potentially faster
the load transient response will be. However, the crossover
frequency should be low enough to attenuate the switching
noise. Typically, the control loop bandwidth or crossover
frequency (Fo) is selected such that:
s
o
F
F
*
1/10
~
1/5
The DC gain should be large enough to provide high
DC-regulation accuracy. The phase margin should be greater
than 45
o for overall stability.
For this design we have:
Vin=12V
Vo=1.2V
Vosc=1.8V (This is a function of Vin, see feedforward
section)
Vref=0.5V
Lo=1.0uH
Co=4x22uF, ESR≈3mΩ each
It must be noted here that the value of the capacitance used
in the compensator design must be the small signal value.
For instance, the small signal capacitance of the 22uF
capacitor used in this design is 10uF at 1.2 V DC bias and
600 kHz frequency. It is this value that must be used for all
computations related to the compensation. The small signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com