Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-R68MS Datasheet(PDF) 26 Page - International Rectifier

Part # PCMB065T-R68MS
Description  6A Highly Integrated SupIRBuck
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-R68MS Datasheet(HTML) 26 Page - International Rectifier

Back Button PCMB065T-R68MS Datasheet HTML 22Page - International Rectifier PCMB065T-R68MS Datasheet HTML 23Page - International Rectifier PCMB065T-R68MS Datasheet HTML 24Page - International Rectifier PCMB065T-R68MS Datasheet HTML 25Page - International Rectifier PCMB065T-R68MS Datasheet HTML 26Page - International Rectifier PCMB065T-R68MS Datasheet HTML 27Page - International Rectifier PCMB065T-R68MS Datasheet HTML 28Page - International Rectifier PCMB065T-R68MS Datasheet HTML 29Page - International Rectifier PCMB065T-R68MS Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
- 26 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
26
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
SOFT-STOP (S_CTRL)
Soft-stop function can make output voltage discharge
gradually. To enable this function, S_Ctrl is kept low first
when EN goes high. Then S_Ctrl is pulled high to cross
the logic level threshold (typ. 2V), the internal soft-start
ramp is initiated. So Vo follows Intl_SS to ramp up until
it reaches its steady state. In soft-stop process, S_Ctrl
needs to be pulled low before EN goes low. After S_Ctrl
goes below its threshold, a decreasing ramp is
generated at Intl_SS with the same slope as in soft-start
ramp. Vo follows this ramp to discharge softly until
shutdown completely. Figure 19 shows the timing
diagram of S_Ctrl controlled soft-start and soft-stop.
If the falling edge of Enable signal asserts before S_Ctrl
falling edge, the converter is still turned off by Enable.
Both gate drivers are turned off immediately and Vo
discharges to zero. Figure 20 shows the timing diagram
of Enable controlled soft-start and soft-stop. Soft stop
feature ensures that Vout discharges and also regulates
the current precisely to zero with no undershoot.
0
0
0
Intl
_SS
S_Ctrl
Vout
0
Enable
0.15V
0.65V
0.15V
0.65V
Figure 19: Timing Diagram for S_Ctrl controlled
Soft Start/Soft Stop
0
0
0
Intl
_SS
S_Ctrl
Vout
0.15V
0
Enable
1.2V
1.0V
0.65V
Figure 20: Timing Diagram for Enable controlled
Soft Start/Shutdown
MINIMUM ON TIME CONSIDERATIONS
The minimum ON time is the shortest amount of time for Ctrl
FET to be reliably turned on. This is very critical parameter for
low duty cycle, high frequency applications. Conventional
approach limits the pulse width to prevent noise, jitter and
pulse skipping. This results to lower closed loop bandwidth.
IR has developed a proprietary scheme to improve and
enhance minimum pulse width which utilizes the benefits of
voltage mode control scheme with higher switching
frequency, wider conversion ratio and higher closed loop
bandwidth, the latter results in reduction of output
capacitors. Any design or application using IR3898 must
ensure operation with a pulse width that is higher than this
minimum on-time and preferably higher than 60 ns.
This is necessary for the circuit to operate without jitter and
pulse-skipping, which can cause high inductor current ripple
and high output voltage ripple.
in
(3)
V
out
on
ss
V
D
t
FF

In any application that uses IR3898, the following condition
must be satisfied:
(min)
(min)
(min)
(4)
(5)
(6)
on
on
out
on
in
s
out
in
s
on
tt
V
t
VF
V
VF
t
 


The minimum output voltage is limited by the reference
voltage and hence Vout(min) = 0.5 V. Therefore, for
Vout(min) = 0.5 V,
V/uS
33
.
8
ns
60
V
0.5
V
V
in
(min)
(min)
in
s
on
out
s
F
t
V
F
Therefore, at the maximum recommended input voltage 21V
and minimum output voltage, the converter should be
designed at a switching frequency that does not exceed 396
kHz. Conversely, for operation at the maximum
recommended operating frequency (1.65 MHz) and minimum
output voltage (0.5V). The input voltage (PVin) should not
exceed 5.05V, otherwise pulse skipping will happen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com